전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8513PBF 데이터시트(PDF) 11 Page - International Rectifier

부품명 IRF8513PBF
상세설명  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8513PBF 데이터시트(HTML) 11 Page - International Rectifier

Back Button IRF8513PBF Datasheet HTML 3Page - International Rectifier IRF8513PBF Datasheet HTML 4Page - International Rectifier IRF8513PBF Datasheet HTML 5Page - International Rectifier IRF8513PBF Datasheet HTML 6Page - International Rectifier IRF8513PBF Datasheet HTML 7Page - International Rectifier IRF8513PBF Datasheet HTML 8Page - International Rectifier IRF8513PBF Datasheet HTML 9Page - International Rectifier IRF8513PBF Datasheet HTML 10Page - International Rectifier IRF8513PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRF8513PbF
www.irf.com
11
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 11/2008
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 2.4mH, RG = 25Ω, IAS = 6.4A (Q1) &
L = 1.87mH, RG = 25Ω, IAS = 8.6A(Q2)
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
Qualification standards can be found at International Rectifier’s web site http://ww.irf.com
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Note
Form
Quantity
IRF8513PbF
SO-8
Tube/Bulk
95
IRF8513TRPbF
SO-8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
MSL1
(per JEDEC J-STD-020D†††)
RoHS Compliant
Moisture Sensitivity Level
SO-8
Yes
Qualification Information
Consumer ††
(per JEDEC JESD47F††† guidelines)
Qualification level


유사한 부품 번호 - IRF8513PBF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
IRF850 STMICROELECTRONICS-IRF850 Datasheet
169Kb / 6P
   N CHANNEL ENHANCEMENT MODE POWER MOSTRANSISTORS
logo
Intersil Corporation
IRF850 INTERSIL-IRF850 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
ON Semiconductor
IRF850 ONSEMI-IRF850 Datasheet
119Kb / 3P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
NXP Semiconductors
IRF850 PHILIPS-IRF850 Datasheet
58Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF850 NJSEMI-IRF850 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
More results

유사한 설명 - IRF8513PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com