전자부품 데이터시트 검색엔진 |
|
TS22 데이터시트(PDF) 1 Page - Suntan Capacitors |
|
TS22 데이터시트(HTML) 1 Page - Suntan Capacitors |
|
1 / 1 page SAFETY STANDARD RECOGNIZED CAPACITOR - Y Suntan® F O R A C R O S S T H E L I N E A N D L I N E B Y – P A S S A P P L I C A T E D TS22 F E A T U R E S ‧ Ideal for across the line applications ‧ Compact size ‧ Cost effective product ‧ Safety standards recognized SPECIFICA T IONS OPERATING TEMPERATURE RANGE -25℃ TO +85℃ CAPACITANCE RANGE 100pF TO 10000pF CAPACITANCE TOLERANCE ± 10%, ±20%, +80-20% RATED VLOTAGE AC 125V, 250V, 400V TEMPERATURE COFFICIENT ± 10% for B (Y5P), +30to-80% for FY (Y5V) DISSIPATION FACTOR (tan δ) B: 2.5% max. at 20℃ and 1 KHz, 1±0.2Vrms. INSULATION RESISTANCE AT 20℃ FY: 50max. at 20℃ and 1 KHz, 1±0.2 Varms. DIELECTRIC STRENGTH 10000MΩat 500VDC for 1 minute. 1500 VAC for 60 seconds. (250VAC) 4000 VAC for 60 seconds. (400VAC) Y2 250VAC Y1 400VAC Capacitance DIMENSION (mm) Capacitance DIMENSION (mm) pF Temp. Char TOLERANCE D. MAX F pF Temp. Char TOLERANCE D. MAX F 100-330 pF 6.5 7.5 100-220 pF 6.5 10 470 PF 6.5 7.5 330 PF 8 10 560 PF 8 7.5 470 PF 9 10 680PF 9 7.5 680PF 10 10 1000 PF 2B ± 10% (Y5P) ± 10% 10 7.5 1000 PF 2B ± 10% (Y5P) ± 10% 12 10 1000 PF 8 7.5 330-470 PF ±10% 6.5 10 1500 PF 9 7.5 1000 PF 8 10 2200 PF 10 7.5 1500 PF 10 10 3300 PF 12 10 2200 PF 12 10 4700 PF 2E +30~-80% (Y5U) ±20% 14 10 3300 PF 15 10 1000 PF 6.5 7.5 4700 PF 2E +30~-80% (Y5U) ±20% 17 10 1500 PF 6.5 7.5 1000 PF 6.5 10 2200 PF 8 7.5 1500 PF 8 10 3300 PF 9 7.5 2200 PF 9 10 4700 PF 11 7.5 3300 PF 11 10 10000 PF 2F +30~-80% (Y5V) ±20% 14 10 4700 PF 2F +30~-80% (Y5V) ±20% 13 10 Note: Specification are subject to change without notice. For more detail and update, please visit our website. Suntan ® Technology Company Limited Website: www.suntan.com.hk Email: info@suntan.com.hk Tel: (852) 8202 8782 Fax: (852) 8208 6246 |
유사한 부품 번호 - TS22 |
|
유사한 설명 - TS22 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |