전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4751 데이터시트(PDF) 1 Page - Silicon Standard Corp.

부품명 1N4751
상세설명  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

1N4751 데이터시트(HTML) 1 Page - Silicon Standard Corp.

  1N4751 Datasheet HTML 1Page - Silicon Standard Corp. 1N4751 Datasheet HTML 2Page - Silicon Standard Corp. 1N4751 Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Zener Diodes
02/15/2008 Rev.1.00
www.SiliconStandard.com
1
PRODUCT SUMMARY
VZ Range: 3.3 to 100 Volts
Power Dissipation: 1.0 W
FEATURES
Silicon Planar Power Zener Diodes.
For use in stabilizing and clipping circuits with high power
rating.
Standard Zener voltage tolerance is ±10%. Add suffix "A" for
±5% tolerance. Other Zener voltages and tolerances are
available upon request.
These diodes are also available in the MELF case with type
designation 1N4728 thru 1N4764
For bidirectional product, contact local Technical Sales office.
MECHANICAL DATA
Case: DO-41 Glass or DO-41 Plastic Case
Weight: approx. 0.35g
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
(Ratings at 25
o
C ambient temperature unless otherwise specified.)
Note:
Suffix: “-P” to order Molded Plastic Package
Suffix: “-G” to order Molded Glass Package
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
t
n
e
r
r
u
c
r
e
n
e
Z
e
g
a
P
t
x
e
N
e
e
S
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
0
5
=
oCP
t
o
t
0
.
1
)
1
(
W
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
0
7
1
)
1
(o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
7
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
5
7
1
+
o
t
5
6
-
oC
Notes:
1. Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature.
Pb-free; RoHS-compliant
1N4728 thru 1N4764


유사한 부품 번호 - 1N4751

제조업체부품명데이터시트상세설명
logo
Surge Components
1N4751 SURGE-1N4751 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Bytesonic Electronics C...
1N4751 BYTESONIC-1N4751 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4751 JINANJINGHENG-1N4751 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Diode Semiconductor Kor...
1N4751 DSK-1N4751 Datasheet
400Kb / 3P
   ZENER DIODES
logo
Semtech Corporation
1N4751 SEMTECH-1N4751 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

유사한 설명 - 1N4751

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com