전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS431NBTR 데이터시트(PDF) 4 Page - Silicon Standard Corp.

부품명 SS431NBTR
상세설명  Adjustable Precision Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS431NBTR 데이터시트(HTML) 4 Page - Silicon Standard Corp.

  SS431NBTR Datasheet HTML 1Page - Silicon Standard Corp. SS431NBTR Datasheet HTML 2Page - Silicon Standard Corp. SS431NBTR Datasheet HTML 3Page - Silicon Standard Corp. SS431NBTR Datasheet HTML 4Page - Silicon Standard Corp. SS431NBTR Datasheet HTML 5Page - Silicon Standard Corp. SS431NBTR Datasheet HTML 6Page - Silicon Standard Corp. SS431NBTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.SiliconStandard.com
4 of 7
SS431/G















 
 

 

 

APPLICATION INFORMATION
TEST CIRCUITS
T2
T1
VMAX
VDEV = VMAX-VMIN
VMIN
TEMPERATURE
Deviation of reference input voltage, V
DEV, is defined as
the maximum variation of the reference input voltage
over the full temperature range.
The average temperature coefficient of the reference in-
put voltage,
αV
REF is defined as:
T1
T2
10
C)
25
(at
V
V
T1
T2
6
10
C)
25
(at
V
V
-
V
C
ppm
V
6
REF
DEV
REF
MIN
MAX
REF
°
±
=
°
±
=
°
Where:
T2T1=full temperature change.
αVREF can be positive or negative depending on
whether the slope is positive or negative.
Example: VDEV= 7.0mV, VREF= 2495mV,
T2T1= 105
°C, slope is negative.
C
27ppm/
V
C
105
6
10
2495mV
7.0mV
REF
°
=


=
°
α
Note 4. The dynamic output impedance, Rz, is de-
fined as:
RZ =
Z
Z
V
I
When the device is programmed with two external re-
sistors, R1 and R2, (see Fig. 2), the dynamic output
impedance of the overall circuit, is defined as:
[ ]
R2
R1
1
Rz
I
V
z
r
+
=
Rev.2.02 3/11/2004


유사한 부품 번호 - SS431NBTR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SS432G ETC-SS432G Datasheet
382Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Silicon Standard Corp.
SS432G SSC-SS432G Datasheet
658Kb / 7P
   Adjustable Precision Shunt Regulator
SS432GGB SSC-SS432GGB Datasheet
658Kb / 7P
   Adjustable Precision Shunt Regulator
SS432GGBTR SSC-SS432GGBTR Datasheet
658Kb / 7P
   Adjustable Precision Shunt Regulator
SS432GNB SSC-SS432GNB Datasheet
658Kb / 7P
   Adjustable Precision Shunt Regulator
More results

유사한 설명 - SS431NBTR

제조업체부품명데이터시트상세설명
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com