전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6086-33CYTB 데이터시트(PDF) 5 Page - Silicon Standard Corp.

부품명 SS6086-33CYTB
상세설명  1.5A Low Dropout Positive Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6086-33CYTB 데이터시트(HTML) 5 Page - Silicon Standard Corp.

  SS6086-33CYTB Datasheet HTML 1Page - Silicon Standard Corp. SS6086-33CYTB Datasheet HTML 2Page - Silicon Standard Corp. SS6086-33CYTB Datasheet HTML 3Page - Silicon Standard Corp. SS6086-33CYTB Datasheet HTML 4Page - Silicon Standard Corp. SS6086-33CYTB Datasheet HTML 5Page - Silicon Standard Corp. SS6086-33CYTB Datasheet HTML 6Page - Silicon Standard Corp. SS6086-33CYTB Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.SiliconStandard.com
5 of 7
SS6086
!"
TYPICAL PERFORMANCE CHARACTERISTICS*
671%$'$$
'"µ










µ
µ !


'./0'+"1$+'"+# "(%+"
'"µ








µ
µ !


!"
BLOCK DIAGRAM

µ









   !"
!#




!"
PIN DESCRIPTIONS
>"/8 *
"1 "#2(34-#$ "#2*/2µ34
98"/8*"+  
:"/8*
#$ 1 
/8"/8 *
"+ /
Rev.2.01 6/06/2003


유사한 부품 번호 - SS6086-33CYTB

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6084 SSC-SS6084 Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETB SSC-SS6084-15CETB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETR SSC-SS6084-15CETR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTB SSC-SS6084-15CMTB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTR SSC-SS6084-15CMTR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
More results

유사한 설명 - SS6086-33CYTB

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com