전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6431GUSTB 데이터시트(PDF) 2 Page - Silicon Standard Corp.

부품명 SS6431GUSTB
상세설명  Adjustable High-Precision Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GUSTB 데이터시트(HTML) 2 Page - Silicon Standard Corp.

  SS6431GUSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6431GUSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6431GUSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6431GUSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6431GUSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6431GUSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6431GUSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6431GUSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6431GUSTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.SiliconStandard.com
2 of 11
SS6431G
ORDERING INFORMATION
PIN CONFIGURATION
SOT-89 (GX)
FRONT VIEW
1: VREF
2: ANODE
3: CATHODE
1
2
3
1
2
3
TO-92 (GZ)
FRONT VIEW
1: VREF
2: ANODE
3: CATHODE
ANODE
REF
ANODE
NC
ANODE
ANODE
NC
CATHODE
1
3
4
2
8
6
5
7
SO-8 (GS)
TOP VIEW
SOT-23 (GUN)
FRONT VIEW
1: CATHODE
2: VREF
3: ANODE
SOT-23 (GUS)
FRONT VIEW
1: VREF
2: CATHODE
3: ANODE
1
2
3
3
1
2
Packing type
TR: Tape and reel
TB: Tube (for SO-8)
Package type
S: Small outline
US: SOT-23
UN: SOT-23
X: SOT-89
Z: TO-92
SS6431GXXXX
Example: SS6431GSTR
à in SO-8 package, with Pb-free
lead finish, shipped on tape and reel.
ABSOLUTE MAXIMUM RATINGS
Cathode Voltage ........……………...............……………..………...............................30V
Continuous Cathode Current ...................………….……...................... -10mA ~ 250mA
Reference Input Current Range .......…………........……..........…………………… 10mA
Operating Temperature Range, TA.......………….........….........……………. -40
°C ~ 85°C
Lead Temperature.......…………..................………………..………………………. 260
°C
Storage Temperature.......…………..................……………..…………….. -65
°C ~ 150°C
Power Dissipation (Notes 1, 2)
SOT-89 Package .........…………...... 0.80W
TO-92 Package ….......…………....... 0.78W
Note 1: TJ, max = 150°C.
Note 2: Ratings apply to ambient temperature at 25
°C.
2/10/2005 Rev.2.10


유사한 부품 번호 - SS6431GUSTB

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
SS64 FRONTIER-SS64 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS64 ASEMI-SS64 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS64-LFR FRONTIER-SS64-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
   Step-Down DC/DC Controller with Shutdown
SS6401SRB SSC-SS6401SRB Datasheet
481Kb / 6P
   Step-Down DC/DC Controller with Shutdown
More results

유사한 설명 - SS6431GUSTB

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A Datasheet
76Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com