전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6526-1COTR 데이터시트(PDF) 8 Page - Silicon Standard Corp.

부품명 SS6526-1COTR
상세설명  Dual USB High-Side Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526-1COTR 데이터시트(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6526-1COTR Datasheet HTML 4Page - Silicon Standard Corp. SS6526-1COTR Datasheet HTML 5Page - Silicon Standard Corp. SS6526-1COTR Datasheet HTML 6Page - Silicon Standard Corp. SS6526-1COTR Datasheet HTML 7Page - Silicon Standard Corp. SS6526-1COTR Datasheet HTML 8Page - Silicon Standard Corp. SS6526-1COTR Datasheet HTML 9Page - Silicon Standard Corp. SS6526-1COTR Datasheet HTML 10Page - Silicon Standard Corp. SS6526-1COTR Datasheet HTML 11Page - Silicon Standard Corp. SS6526-1COTR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
8
APPLICATION INFORMATION
Error Flag
An error Flag is an open-drained output of an
N-channel MOSFET. FLG output is pulled low to
signal
the
following
fault
conditions:
input
undervoltage, output current limit, and thermal
shutdown.
Current Limit
The current limit threshold is preset internally. It
protects the output MOSFET switches from
damage resulting from undesirable short circuit
conditions or excess inrush current, which is
often encountered during hot plug-in. The low
limit of the current limit threshold of the
SS6526
allows a minimum current of 0.6A through the
MOSFET switches. The error flag signals when
any current limit conditions occur.
Thermal Shutdown
When temperature of
SS6526 exceeds 135°C
for any reasons, the thermal shutdown function
turns both MOSFET switches off and signals the
error flag. A hysteresis of 10
°C prevents the
MOSFETs from turning back on until the chip
temperature drops below 125
°C. However, if
thermal
shutdown
is
triggered
by
chip
temperature rise resulting from overcurrent fault
condition of either one of the MOSFET switches,
the thermal shutdown function will only turn off
the switch that is in overcurrent condition and
the other switch can still remain its normal
operation. In other words, the thermal shutdown
function of the two switches is independent of
each other in the case of overcurrent fault.
Supply Filtering
A 0.1
µF to 1µF bypass capacitor from IN to GND,
located
near
the
device,
is
strongly
recommended
to
control
supply
transients.
Without a bypass capacitor, an output short may
cause sufficient ringing on the input (from supply
lead inductance) to damage internal control
circuitry.
Transient Requirements
USB supports dynamic attachment (hot plug-in)
of peripherals. A current surge is caused by the
input capacitance of downstream device. Ferrite
beads are recommended in series with all power
and
ground connector
pins.
Ferrite
beads
reduce EMI and limit the inrush current during
hot-attachment
by
filtering
high-frequency
signals.
Short Circuit Transient
Bulk
capacitance
provides
the
short-term
transient
current
needed
during
a
hot-attachment event. A 33
µF/16V tantalum or a
100
µF/10V electrolytic capacitor mounted close
to downstream connector each port should
provide transient drop protection.
Printed Circuit Layout
The power circuitry of USB printed circuit boards
requires a customized layout to maximize
thermal dissipation and to minimize voltage drop
and EMI.
SS6526


유사한 부품 번호 - SS6526-1COTR

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXBG SSC-SS6520CXBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXTR SSC-SS6520CXTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZBG SSC-SS6520CZBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZTR SSC-SS6520CZTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
More results

유사한 설명 - SS6526-1COTR

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com