전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6526-1GOTR 데이터시트(PDF) 3 Page - Silicon Standard Corp.

부품명 SS6526-1GOTR
상세설명  Dual USB High-Side Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526-1GOTR 데이터시트(HTML) 3 Page - Silicon Standard Corp.

  SS6526-1GOTR Datasheet HTML 1Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 2Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 3Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 4Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 5Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 6Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6526-1GOTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN)
7.0V
Fault Flag Voltage (VFLG)
7.0V
Fault Flag Current (IFLG)
50mA
Control Input (VCTL)
-0.3V ~7V
Operating Temperature Range
-40
°C~85°C
Junction Temperature
125
°C
Storage Temperature Range
-65
°C ~ 150°C
Lead Temperature (Soldering, 10sec)
260
°C
Thermal Resistance, θJA (Junction to Ambient) DIP-8
100
°C/W
(Assume no Ambient Airflow, no Heatsink)
SOP-8
160
°C/W
MSOP-8
180
°C/W
Thermal Resistance, θJC (Junction to Case)
DIP-8……………………………………..60
°C /W
SOP-8……………………………………40
°C /W
MSOP-8………………………………….75
°C /W
Absolute Maximum Ratings are those values beyond which the life of a device may be
impaired.
TEST CIRCUIT
10
SS6526
0.1
µF
C1
OFF
ON
VCC
+5V
10K R1
R4
R4
CTLA
OUTA
FLGA
IN
FLGB
GND
CTLB
OUTB
OFF
ON
10
10K R2
SS6526


유사한 부품 번호 - SS6526-1GOTR

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXBG SSC-SS6520CXBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXTR SSC-SS6520CXTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZBG SSC-SS6520CZBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZTR SSC-SS6520CZTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
More results

유사한 설명 - SS6526-1GOTR

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com