전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6577CGSTR 데이터시트(PDF) 2 Page - Silicon Standard Corp.

부품명 SS6577CGSTR
상세설명  External NMOS Step-Down PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577CGSTR 데이터시트(HTML) 2 Page - Silicon Standard Corp.

  SS6577CGSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6577CGSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6577CGSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6577CGSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6577CGSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6577CGSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6577CGSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6577CGSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6577CGSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.SiliconStandard.com
2 of 14
SS6577
Rev.1.02 3/26/2004
TYPICAL APPLICATION CIRCUIT
VIN 6V~24V
+
CIN1
22
µF
RS
33m
M1
C3
0.1
µF
D1
SL43
L1
10
µH
VOUT 3.3V 3A
C1
1000pF
C5
330pF
R3
24k
R2
62k
R1
20k
VIN
8
ITH/RUN
2
FB
3
GND
4
SW
5
DRI
6
BOOST
7
CS
1
SS6
577
+ CIN2
22
µF
C2
0.1
µF
COUT
220
µF
C4
1nF
C6
2.2
µF
CIN1, CIN2: HER-MEI 22µF/35V Electrolytic capacitors
M1: N-MOSFET SSM6680M
D1: GS SL43
L1: TDK SLF12555T-100M3R4
COUT: HER-MEI 220µF /16V Electrolytic capacitor
C6: TAIYO YUDEN LMK212BJ225KG-T Ceramic capacitor
ORDERING INFORMATION
PIN CONFIGURATION
SS6
577C(X)XXX
Packing type
TB: Tube
TR: Tape and reel
Package outline
S: SO-8
O: MSOP-8
G
: Pb-free lead finish
Example: SS6577COTR
in MSOP package shipped in tape and reel
SS6
577CGOTR
in MSOP package with Pb-free lead
finish shipped in tape and reel
TOP VIEW
DRI
VIN
BOOST
SW
FB
ITH/RUN
GND
CS 1
3
4
2
8
6
5
7


유사한 부품 번호 - SS6577CGSTR

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS657 SECELECTRONICS-SS657 Datasheet
170Kb / 4P
   Unipolar Hall-Effect Digital Switch
logo
Silicon Standard Corp.
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6570CSTB SSC-SS6570CSTB Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6570CSTR SSC-SS6570CSTR Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
More results

유사한 설명 - SS6577CGSTR

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AIC1577 AIC-AIC1577 Datasheet
340Kb / 14P
   External NMOS Step-Down PWM Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com