전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC2111D-350M 데이터시트(PDF) 4 Page - Productwell Precision Elect.CO.,LTD

부품명 TC2111D-350M
상세설명  TOROID INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
홈페이지  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

TC2111D-350M 데이터시트(HTML) 4 Page - Productwell Precision Elect.CO.,LTD

  TC2111D-350M Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD TC2111D-350M Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD TC2111D-350M Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD TC2111D-350M Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
l SPECIFICAL GUIDE FOR STANDARD COIL(TEST FREQ:1.0KHZ/0.25V)
PART NO
L(
μH)
At IDC=0A
DCR
(m
Ω)max
Imax
(A)
L(
μH)
At IDC max
A
(mm max)
B
(mm max)
TC2916D-471M
470
0.118
3.0
225
28.5
15.5
TC2814D-182M
1800
0.680
1.0
1130
27.5
14.0
TC3116D-820M
82
0.033
5.0
52
31.0
15.5
TC3014D-101M
100
0.042
4.0
69
29.5
13.5
TC2913D-131M
130
0.061
3.0
96
29.0
13.0
TC2912D-221M
220
0.121
2.0
170
28.5
12.0
TC3016D-301M
300
0.064
5.0
120
30.0
15.5
TC3015D-391M
390
0.088
4.0
165
29.5
15.0
TC2812D-471M
470
0.342
1.0
400
27.5
11.5
TC2914D-501M
500
0.124
3.0
242
29.0
14.0
TC2914D-781M
780
0.225
2.0
428
28.5
13.5
TC2913D-132M
1300
0.585
1.0
933
28.5
12.5
TC3620D-300M
30
0.009
10.0
21
36.0
19.5
TC3620D-350M
35
0.010
10.0
25
36.0
19.5
TC3418D-560M
56
0.020
7.0
41.5
34.0
18.0
TC3418D-680M
68
0.021
7.0
46
34.0
18.0
TC3418D-820M
82
0.023
7.0
53
34.0
18.0
TC3417D-101M
100
0.036
5.0
75
33.5
17.0
TC3317D-151M
150
0.053
4.0
110
32.5
16.5
TC3216D-201M
200
0.078
3.0
157
32.0
16.0
TC3216D-301M
300
0.142
2.0
250
31.5
15.5
TC3317D-851M
850
0.211
2.0
567
32.5
16.5
TC4220D-750M
75
0.014
10.0
43
42.0
19.5
TC4118D-131M
130
0.031
7.0
79
41.0
18.0
TC3917D-201M
200
0.056
5.0
134
39.0
17.0
TC4322D-251M
250
0.027
10.0
105
42.5
21.5
TC4120D-471M
470
0.064
7.0
190
40.5
19.5
TC3919D-681M
680
0.105
5.0
295
39.0
18.5
TC SERIES
TOROID INDUCTORS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
26


유사한 부품 번호 - TC2111D-350M

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
More results

유사한 설명 - TC2111D-350M

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
LCPI EATON-LCPI Datasheet
423Kb / 6P
   Toroid power inductors
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
7001-RC BOURNS-7001-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com