전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6735-18GETR 데이터시트(PDF) 6 Page - Silicon Standard Corp.

부품명 SS6735-18GETR
상세설명  500mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6735-18GETR 데이터시트(HTML) 6 Page - Silicon Standard Corp.

  SS6735-18GETR Datasheet HTML 1Page - Silicon Standard Corp. SS6735-18GETR Datasheet HTML 2Page - Silicon Standard Corp. SS6735-18GETR Datasheet HTML 3Page - Silicon Standard Corp. SS6735-18GETR Datasheet HTML 4Page - Silicon Standard Corp. SS6735-18GETR Datasheet HTML 5Page - Silicon Standard Corp. SS6735-18GETR Datasheet HTML 6Page - Silicon Standard Corp. SS6735-18GETR Datasheet HTML 7Page - Silicon Standard Corp. SS6735-18GETR Datasheet HTML 8Page - Silicon Standard Corp. SS6735-18GETR Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.SiliconStandard.com
6 of 9
SS6735G
1/15/2005 Rev.2.10
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 7 Ground Current vs. Temperature
-40
-20
0
20
40
60
80
40
41
42
43
44
45
46
Temperature (
°C)
SS6
735-52
ILOAD = 500mA
Fig. 8 Ground Current vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
43.0
43.5
44.0
44.5
45.0
45.5
46.0
SS6
735-33
ILOAD = 500mA
Fig. 9 Current Limit vs. Temperature
-40
-20
0
20
40
60
80
580
590
600
610
620
630
640
650
660
670
680
690
700
SS6
735
VIN= 7V
Temperature (
°C)
VIN= 6V
VIN= 5V


유사한 부품 번호 - SS6735-18GETR

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CQTR SSC-SS6730-18CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CVTR SSC-SS6730-18CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CQTR SSC-SS6730-285CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CVTR SSC-SS6730-285CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
More results

유사한 설명 - SS6735-18GETR

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com