전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6734-38GZTTR 데이터시트(PDF) 5 Page - Silicon Standard Corp.

부품명 SS6734-38GZTTR
상세설명  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6734-38GZTTR 데이터시트(HTML) 5 Page - Silicon Standard Corp.

  SS6734-38GZTTR Datasheet HTML 1Page - Silicon Standard Corp. SS6734-38GZTTR Datasheet HTML 2Page - Silicon Standard Corp. SS6734-38GZTTR Datasheet HTML 3Page - Silicon Standard Corp. SS6734-38GZTTR Datasheet HTML 4Page - Silicon Standard Corp. SS6734-38GZTTR Datasheet HTML 5Page - Silicon Standard Corp. SS6734-38GZTTR Datasheet HTML 6Page - Silicon Standard Corp. SS6734-38GZTTR Datasheet HTML 7Page - Silicon Standard Corp. SS6734-38GZTTR Datasheet HTML 8Page - Silicon Standard Corp. SS6734-38GZTTR Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.SiliconStandard.com
5 of 9
SS6734G
1/15/2005 Rev.2.10
TYPICAL PERFORMANCE CHARACTERISTICS
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
Fig. 1
VOUT vs. Temperature
Temperature (°C)
-50
-30
-10
10
30
50
70
90
SS6734-52
Fig. 2
VOUT vs. Temperature
-50
-30
-10
10
30
50
70
90
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
Temperature (°C)
SS6734-33
Fig. 3
Ground Current vs. Temperature
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
38
40
42
44
46
48
50
ILOAD= 0mA
ILOAD=100mA
ILOAD=300mA
Temperature (°C)
SS6734-52
Fig. 4
Ground Current vs. Temperature
Temperature (°C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
38
40
42
44
46
48
ILOAD= 0mA
ILOAD=100mA
ILOAD=300mA
SS6734-33
Fig. 5
Ground Current vs. VIN
VIN (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
10
20
30
40
50
60
SS6734-52
Fig. 6
Ground Current vs. VIN
VIN (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
10
20
30
40
50
60
SS6734-33


유사한 부품 번호 - SS6734-38GZTTR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SS6734-38GZTTR ETC-SS6734-38GZTTR Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results

유사한 설명 - SS6734-38GZTTR

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com