전자부품 데이터시트 검색엔진 |
|
SS6896CGBG 데이터시트(PDF) 2 Page - Silicon Standard Corp. |
|
SS6896CGBG 데이터시트(HTML) 2 Page - Silicon Standard Corp. |
2 / 12 page www.SiliconStandard.com 2 of 12 Rev.2.01 6/06/2003 SS6896 Absolute Maximum Ratings LX to GND -0.3V to +33V FB to GND -0.3V to +6V IN, SHDN -0.3V to +11V SS to GND -0.3V to +6V LX Pin RMS Current 0.6A Continuous Power Dissipation (TA = +70°C) (Note 1) 6-Pin SOT23 (derate 9.1mW/°C above +70°C) 727mW Operating Temperature Range -40°C to +85°C Junction Temperature +150°C Storage Temperature Range -65°C to +150°C Lead Temperature (soldering, 10s) +300°C Note 1: Thermal properties are specified with product mounted on PC board with one square-inch of copper area and still air. Test Circuit LX FB GND SS SHDN IN L1 D1 SS14 C2 0.033µF R1 R2 + C4 10µF + C1 10µF/16V C5 1µF C3 SHDN VIN 2.5V to 10V VOUT 6 4 1 3 5 2 Ordering Information Pin Configuration PACKING TYPE TR: TAPE & REEL BG: BAG PACKAGE TYPE G: SOT-23-6 SS6896CXXX Example: SS6896CGTR à in SOT-23-6 package in tape and reel. 3 2 1 4 6 5 SOT-23-6 (CG) FRONT VIEW 1: LX 2: GND 3: FB 4: SHDN 5: SS 6: IN l SOT-23-6 Marking Part No. Marking SS6896CG 1896 SS6896 |
유사한 부품 번호 - SS6896CGBG |
|
유사한 설명 - SS6896CGBG |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |