전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS8021GTB 데이터시트(PDF) 7 Page - Silicon Standard Corp.

부품명 SS8021GTB
상세설명  Stereo Headphone Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8021GTB 데이터시트(HTML) 7 Page - Silicon Standard Corp.

  SS8021GTB Datasheet HTML 1Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 2Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 3Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 4Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 5Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 6Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 7Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.SiliconStandard.com
7 of 8
SS8021
8/21/2004 Rev.2.01
ELECTRICAL CHARACTERISTICS (continued)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.5
3.5
4.5
5.5
6.5
Supply Voltage(V)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD=5V
VDD=3V
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
2.5
3.5
4.5
5.5
6.5
Supply Voltage (V)
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD=3V
VDD=5V
0
50
100
150
200
250
300
350
00.511.5
2
2.5
3
VO-Vss(V)
Sinking Current vs. Vo-Vss
VDD=5V
VDD=3V
0
50
100
150
200
250
300
350
00.5
11.5
22.5
3
VDD - VO(V)
Sourcing Current vs. VDD-Vo
VDD=5V
VDD=3V
Supply Current vs.Supply Voltage
Supply Current vs. Temperature
Offset Voltage vs. Supply Voltage
Offset Voltage vs.Temperature


유사한 부품 번호 - SS8021GTB

제조업체부품명데이터시트상세설명
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T21TB SSC-SS8026T21TB Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T21TR SSC-SS8026T21TR Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T22TB SSC-SS8026T22TB Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
More results

유사한 설명 - SS8021GTB

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com