전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS8027GT43TR 데이터시트(PDF) 5 Page - Silicon Standard Corp.

부품명 SS8027GT43TR
상세설명  3.3V 1A Low Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027GT43TR 데이터시트(HTML) 5 Page - Silicon Standard Corp.

  SS8027GT43TR Datasheet HTML 1Page - Silicon Standard Corp. SS8027GT43TR Datasheet HTML 2Page - Silicon Standard Corp. SS8027GT43TR Datasheet HTML 3Page - Silicon Standard Corp. SS8027GT43TR Datasheet HTML 4Page - Silicon Standard Corp. SS8027GT43TR Datasheet HTML 5Page - Silicon Standard Corp. SS8027GT43TR Datasheet HTML 6Page - Silicon Standard Corp. SS8027GT43TR Datasheet HTML 7Page - Silicon Standard Corp. SS8027GT43TR Datasheet HTML 8Page - Silicon Standard Corp. SS8027GT43TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.SiliconStandard.com
5 of 10
5/26/2005 Rev.2.2
SS8027G
Typical Performance Characteristics (continued)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input-Output Voltage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
1oz Copper on SOT 223
Package Mounted on
recommended mimimum
footprint (R£cJA=156°C/W)
Maximum recommended output current TA=25°C,Still Air
Note: VIN(max) <= 6.5V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature T
A (°C)
Still Air
1oz Copper on SOT 223
Package Mounted on
recommend mimimum
footprint (R£cJA=156°C/W)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature T
A (°C)
Still Air
1oz Copper on TO 252
Package Mounted on
recommend mimimum
footprint (R£cJA=125°C/W)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input-Output Voltaage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
1oz Copper on TO 263
Package Mounted on
recommended mimimum
footprint (R£cJA=75°C/W)
Maximum recommended output current TA=25°C,Still Air
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature T A (¢J
)
Still Air
1oz Copper on TO 263
Package Mounted on
recommend mimimum
footprint (R£cJA=75°C/W)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input-Output Voltaage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
Maximum recommended output current
TA=25°C,Still Air
1oz Copper on TO 252
Package Mounted on
recommended
mimimum footprint
(R£cJA=125°C/W)
Note: VIN(max) <= 6.5V
Safe Operating Area of SOT 223
Maximum Power Dissipation of SOT 223
Safe Operating Area of TO 252
Maximum Power Dissipation of TO 252
Maximum Power Dissipation of TO 263
Safe Operating Area of TO 263
Note: VIN(max) <= 6.5V


유사한 부품 번호 - SS8027GT43TR

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

유사한 설명 - SS8027GT43TR

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com