전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS62951-30CSTB 데이터시트(PDF) 1 Page - Silicon Standard Corp.

부품명 SS62951-30CSTB
상세설명  150mA/ 300mA Low Dropout Linear Regulatror
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS62951-30CSTB 데이터시트(HTML) 1 Page - Silicon Standard Corp.

  SS62951-30CSTB Datasheet HTML 1Page - Silicon Standard Corp. SS62951-30CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS62951-30CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS62951-30CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS62951-30CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS62951-30CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS62951-30CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS62951-30CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS62951-30CSTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.SiliconStandard.com
1 of 10
SS62951/D



  





!"
FEATURES
#"
  
(SS62951/D-50).
#"
"  #!
#"
 !Ω$%&'( )* )!
#"
"# µ!
#"
+,, ,-!!
#"
'& . )!
#"
µ -/0#%#!
#"
$  1 !2!
#"
& )( )/3))!
#"
4#) -µ&  ,/ 1/ /-!
#"
/// #(0 $,/!
!"
APPLICATIONS
#"
 3 $/
$5)!
#"
./ ))/, /-)!
#"
* -$#-))!

!"
DESCRIPTION
The SS62951 and SS62951D are an enhanced

% 6)/  0 $! (0 )/
,0  ,/)/,)  0 SS62951/62951D )
/) /, # 7 1 ) , ))8 6- 
# 6 8 # + ,, ,-  6 
! (-/,  # ,  /) 9/
  -µ8#0,#//
70 9/  #!6 
   , /) )///,  - 
0 /)1/ , :0
6
8 ;  0 
6
8 #0
6
 !  /// #
0 ,/ 1/ /,0
6
)/) /)  ,#//)!
    8 /#/, / 0 
6 #) /8#0
 /1 /)0/8, 1)# 
 )!  /,, # )0#
/  1 ) 0    1 )/,0# 
#!(0  -1,/# /9#
 6    #  ! 
/0 9  /)/))!(0 
,)/;/$ ,< )!
!"
TYPICAL APPLICATION CIRCUIT







 



SS62951
















µ

µ
 




  
Rev.2.01 6/26/2003


유사한 부품 번호 - SS62951-30CSTB

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
SS62 FRONTIER-SS62 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS62 ASEMI-SS62 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS62-LFR FRONTIER-SS62-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
SS62003CNTB SSC-SS62003CNTB Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
More results

유사한 설명 - SS62951-30CSTB

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com