전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM40P03GJ 데이터시트(PDF) 2 Page - Silicon Standard Corp.

부품명 SSM40P03GJ
상세설명  P-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM40P03GJ 데이터시트(HTML) 2 Page - Silicon Standard Corp.

  SSM40P03GJ Datasheet HTML 1Page - Silicon Standard Corp. SSM40P03GJ Datasheet HTML 2Page - Silicon Standard Corp. SSM40P03GJ Datasheet HTML 3Page - Silicon Standard Corp. SSM40P03GJ Datasheet HTML 4Page - Silicon Standard Corp. SSM40P03GJ Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
SSM40P03GH,J
2/16/2005 Rev.2.2
Electrical Characteristics @ Tj=25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
BV
DSS/
Tj
Breakdown Voltage Temperature Coefficient
Reference to 25°C, ID=-1mA
-
-0.02
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-18A
-
-
28
m
VGS=-4.5V, ID=-14A
-
-
50
m
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
V
gfs
Forward Transconductance
VDS=-10V, ID=-18A
-
20
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-30V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=-24V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS= ±20V
-
-
nA
Qg
Total Gate Charge
2
ID=-18A
-
14
22
nC
Qgs
Gate-Source Charge
VDS=-24V
-
3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
9
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
12
-
ns
tr
Rise Time
ID=-18A
-
56
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω , VGS=-10V
-
30
-
ns
tf
Fall Time
RD=0.8Ω
-57
-
ns
Ciss
Input Capacitance
VGS=0V
-
915
1465
pF
Coss
Output Capacitance
VDS=-25V
-
280
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
195
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=-18A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
2
IS=-18A, VGS=0V,
-
30
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
21
-
nC
Notes:
1.Pulse width limited by safe operating area.
2.Pulse width <300us , duty cycle <2%.
±100


유사한 부품 번호 - SSM40P03GJ

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SSM40P03GH VBSEMI-SSM40P03GH Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SSM40P03GJ

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com