전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM4228GM 데이터시트(PDF) 6 Page - Silicon Standard Corp.

부품명 SSM4228GM
상세설명  DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4228GM 데이터시트(HTML) 6 Page - Silicon Standard Corp.

  SSM4228GM Datasheet HTML 1Page - Silicon Standard Corp. SSM4228GM Datasheet HTML 2Page - Silicon Standard Corp. SSM4228GM Datasheet HTML 3Page - Silicon Standard Corp. SSM4228GM Datasheet HTML 4Page - Silicon Standard Corp. SSM4228GM Datasheet HTML 5Page - Silicon Standard Corp. SSM4228GM Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.SiliconStandard.com
6 of 6
SSM4228M/GM
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
td(on)
tr
td(off) t
f
VDS
VGS
10%
90%
Q
VG
5V
QGS
QGD
QG
Charge
0.64 x RATED VDS
TO THE
OSCILLOSCOPE
-
+
D
G
S
VDS
VGS
I
D
I
G
1~ 3 mA
0.64 x RATED VDS
TO THE
OSCILLOSCOPE
-
+
10 v
D
G
S
VDS
VGS
RG
RD
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
4/26/2004 Rev.2.10


유사한 부품 번호 - SSM4228GM

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SSM4224M SSC-SSM4224M Datasheet
138Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
Silicon Storage Technol...
SSM4226GM SST-SSM4226GM Datasheet
142Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
Silicon Standard Corp.
SSM4226GM SSC-SSM4226GM Datasheet
147Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
Silicon Storage Technol...
SSM4226M SST-SSM4226M Datasheet
142Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
Silicon Standard Corp.
SSM4226M SSC-SSM4226M Datasheet
147Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

유사한 설명 - SSM4228GM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SSM9926M ETC-SSM9926M Datasheet
109Kb / 6P
   DUAL N CHANNEL ENHANCEMENT MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM9926GM SSC-SSM9926GM Datasheet
565Kb / 7P
   Dual N-channel Enhancement-mode Power MOSFETs
SSM9973GM SSC-SSM9973GM Datasheet
280Kb / 5P
   Dual N-channel Enhancement-mode Power MOSFETs
SSM9977M SSC-SSM9977M Datasheet
244Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM7002DGU SSC-SSM7002DGU Datasheet
814Kb / 5P
   Dual N-channel Enhancement-mode Power MOSFETs
SSM9928 SSC-SSM9928 Datasheet
267Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9975M SSC-SSM9975M Datasheet
255Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9980M SSC-SSM9980M Datasheet
232Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9971GD SSC-SSM9971GD Datasheet
574Kb / 5P
   Dual N-channel Enhancement-mode Power MOSFETs
SSM9971GM SSC-SSM9971GM Datasheet
529Kb / 5P
   Dual N-channel Enhancement-mode Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com