전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM4513GM 데이터시트(PDF) 4 Page - Silicon Standard Corp.

부품명 SSM4513GM
상세설명  N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4513GM 데이터시트(HTML) 4 Page - Silicon Standard Corp.

  SSM4513GM Datasheet HTML 1Page - Silicon Standard Corp. SSM4513GM Datasheet HTML 2Page - Silicon Standard Corp. SSM4513GM Datasheet HTML 3Page - Silicon Standard Corp. SSM4513GM Datasheet HTML 4Page - Silicon Standard Corp. SSM4513GM Datasheet HTML 5Page - Silicon Standard Corp. SSM4513GM Datasheet HTML 6Page - Silicon Standard Corp. SSM4513GM Datasheet HTML 7Page - Silicon Standard Corp. SSM4513GM Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.SiliconStandard.com
4 of 8
SSM4513M/GM
10/12/2004 Rev.2.01
N-channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance
vs. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
0
10
20
30
01
2
345
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
0
10
20
30
01
2
345
V DS , Drain-to-Source Voltage (V)
T A = 150
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
25
35
45
55
65
24
6
8
10
V GS , Gate-to-Source Voltage (V)
I D =3A
T A =25
o C
0.6
1.0
1.4
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =5A
V G =10V
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.3
0.7
1.1
1.5
-50
0
50
100
150
T j ,Junction Temperature (
o C)


유사한 부품 번호 - SSM4513GM

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SSM4500GM SSC-SSM4500GM Datasheet
216Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
SSM4501GM SSC-SSM4501GM Datasheet
310Kb / 12P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
SSM4501GSD SSC-SSM4501GSD Datasheet
287Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
SSM4502GM ETC2-SSM4502GM Datasheet
304Kb / 13P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Silicon Standard Corp.
SSM4502GM SSC-SSM4502GM Datasheet
311Kb / 13P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

유사한 설명 - SSM4513GM

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SSM9510GM SSC-SSM9510GM Datasheet
436Kb / 8P
   N- and P-channel Enhancement-mode Power MOSFETs
SSM2030GM SSC-SSM2030GM Datasheet
561Kb / 11P
   N- and P-channel Enhancement-mode Power MOSFETs
SSM4509GM SSC-SSM4509GM Datasheet
431Kb / 8P
   N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4575M SSC-SSM4575M Datasheet
320Kb / 7P
   COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4507M SSC-SSM4507M Datasheet
343Kb / 7P
   COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4532M SSC-SSM4532M Datasheet
204Kb / 11P
   COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4565M SSC-SSM4565M Datasheet
452Kb / 8P
   COMPLEMENTARY N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
List of Unclassifed Man...
SSM4532M ETC1-SSM4532M Datasheet
199Kb / 11P
   COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
   DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Central Semiconductor C...
CMLDM7484 CENTRAL-CMLDM7484 Datasheet
593Kb / 2P
   N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com