전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM9585GM 데이터시트(PDF) 4 Page - Silicon Standard Corp.

부품명 SSM9585GM
상세설명  P-channel Enhancement-mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9585GM 데이터시트(HTML) 4 Page - Silicon Standard Corp.

  SSM9585GM Datasheet HTML 1Page - Silicon Standard Corp. SSM9585GM Datasheet HTML 2Page - Silicon Standard Corp. SSM9585GM Datasheet HTML 3Page - Silicon Standard Corp. SSM9585GM Datasheet HTML 4Page - Silicon Standard Corp. SSM9585GM Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.SiliconStandard.com
4 of 5
3/21/2005 Rev.2.01
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
td(on) tr
td(off)tf
VDS
VGS
10%
90%
Q
VG
-4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
12
010
20
30
40
Q G , Total Gate Charge (nC)
I D = -2.7A
V DS = -64V
10
100
1000
10000
1
5
9
131721
2529
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
10
100
0.1
1
10
100
1000
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=125°C/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
SSM9585GM


유사한 부품 번호 - SSM9585GM

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SSM9510GM SSC-SSM9510GM Datasheet
436Kb / 8P
   N- and P-channel Enhancement-mode Power MOSFETs
logo
SeCoS Halbleitertechnol...
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM9563GM SSC-SSM9563GM Datasheet
531Kb / 5P
   P-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM9563GM VBSEMI-SSM9563GM Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
SSM9563M VBSEMI-SSM9563M Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

유사한 설명 - SSM9585GM

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com