전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM9926GM 데이터시트(PDF) 1 Page - Silicon Standard Corp.

부품명 SSM9926GM
상세설명  Dual N-channel Enhancement-mode Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9926GM 데이터시트(HTML) 1 Page - Silicon Standard Corp.

  SSM9926GM Datasheet HTML 1Page - Silicon Standard Corp. SSM9926GM Datasheet HTML 2Page - Silicon Standard Corp. SSM9926GM Datasheet HTML 3Page - Silicon Standard Corp. SSM9926GM Datasheet HTML 4Page - Silicon Standard Corp. SSM9926GM Datasheet HTML 5Page - Silicon Standard Corp. SSM9926GM Datasheet HTML 6Page - Silicon Standard Corp. SSM9926GM Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
Dual N-channel Enhancement-mode Power MOSFETs
BVDSS
20V
RDS(ON)
30m
I D
6A
The SSM9926GM acheives fast switching performance
with low gate charge without a complex drive circuit. It
is suitable for low voltage applications such as DC/DC
ABSOLUTE MAXIMUM RATINGS
VDS
VGS
ID
IDM
PD
W/°C
TSTG
TJ
Symbol
Parameter
Value
Units
RΘJA
Maximum thermal resistance, junction-ambient
3
62.5
°C/W
Symbol
Parameter
Value
Units
Drain-source voltage
20
V
Gate-source voltage
Continuous drain current
3
,
T A = 25°C
6
A
TA = 70°C
4.8
A
Pulsed drain current
1,2
26
A
Operating junction temperature range
-55 to 150
°C
Linear derating factor
0.016
Storage temperature range
Total power dissipation
3, T
A = 25°C
2
W
-55 to 150
°C
THERMAL CHARACTERISTICS
± 12
V
Pb-free; RoHS-compliant SO-8
PRODUCT SUMMARY
DESCRIPTION
Notes:
1.Pulse width must be limited to avoid exceeding the maximum junction temperature of 150°C.
2.Pulse width <300us, duty cycle <2%.
3.Mounted on a square inch of copper pad on FR4 board ; 135°C/W when mounted on the minimum pad area required for soldering.
converters and general load-switching circuits.
The SSM9926GM is supplied in an RoHS-compliant
SO-8 package, which is widely used for medium power
commercial and industrial surface mount applications.
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
SSM9926GM
3/16/2006 Rev.3.01


유사한 부품 번호 - SSM9926GM

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SSM9926GM VBSEMI-SSM9926GM Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - SSM9926GM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SSM9926M ETC-SSM9926M Datasheet
109Kb / 6P
   DUAL N CHANNEL ENHANCEMENT MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM4228M SSC-SSM4228M Datasheet
161Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9973GM SSC-SSM9973GM Datasheet
280Kb / 5P
   Dual N-channel Enhancement-mode Power MOSFETs
SSM9977M SSC-SSM9977M Datasheet
244Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM7002DGU SSC-SSM7002DGU Datasheet
814Kb / 5P
   Dual N-channel Enhancement-mode Power MOSFETs
SSM9928 SSC-SSM9928 Datasheet
267Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9975M SSC-SSM9975M Datasheet
255Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9980M SSC-SSM9980M Datasheet
232Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9971GD SSC-SSM9971GD Datasheet
574Kb / 5P
   Dual N-channel Enhancement-mode Power MOSFETs
SSM9971GM SSC-SSM9971GM Datasheet
529Kb / 5P
   Dual N-channel Enhancement-mode Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com