전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV3227ACPZ 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADV3227ACPZ
상세설명  750 MHz, 16 x 16 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV3227ACPZ 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADV3227ACPZ Datasheet HTML 7Page - Analog Devices ADV3227ACPZ Datasheet HTML 8Page - Analog Devices ADV3227ACPZ Datasheet HTML 9Page - Analog Devices ADV3227ACPZ Datasheet HTML 10Page - Analog Devices ADV3227ACPZ Datasheet HTML 11Page - Analog Devices ADV3227ACPZ Datasheet HTML 12Page - Analog Devices ADV3227ACPZ Datasheet HTML 13Page - Analog Devices ADV3227ACPZ Datasheet HTML 14Page - Analog Devices ADV3227ACPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADV3226/ADV3227
Rev. 0 | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
110k
10
100
1k
FREQUENCY (MHz)
RL = 150Ω
VOUT = 200mV p-p
8
6
7
5
4
3
2
1
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
10
100
1k
10k
FREQUENCY (MHz)
RL = 150Ω
VOUT = 200mV p-p
Figure 7. ADV3226 Small Signal Frequency Response
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
Figure 10. ADV3227 Small Signal Frequency Response
110k
10
100
1k
FREQUENCY (MHz)
RL = 150Ω
VOUT = 2V p-p
8
6
7
5
4
3
2
1
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
10
100
1k
10k
FREQUENCY (MHz)
RL = 150Ω
VOUT = 2V p-p
1
10
100
1k
10k
FREQUENCY (MHz)
Figure 8. ADV3226 Large Signal Frequency Response
6
5
4
3
2
1
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
5.0pF
2.2pF
1.2pF
0pF
10.4pF
RL = 150Ω
VOUT = 200mV p-p
Figure 11. ADV3227 Large Signal Frequency Response
12
10
8
6
–10
–8
–6
–4
–2
0
2
4
1
10
100
1k
10k
Figure 9. ADV3226 Small Signal Frequency Response with Capacitive Loads
FREQUENCY (MHz)
5.0pF
2.2pF
0pF
10.4pF
RL = 150Ω
VOUT = 200mV p-p
1.2pF
Figure 12. ADV3227 Small Signal Frequency Response, RL = 150 Ω


유사한 부품 번호 - ADV3227ACPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

유사한 설명 - ADV3227ACPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com