전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2026D2YZHT 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2026D2YZHT
상세설명  3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2026D2YZHT 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPA2026D2YZHT Datasheet HTML 3Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 4Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 5Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 6Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 9Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 10Page - Texas Instruments TPA2026D2YZHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TPA2026D2
www.ti.com
SLOS649 – MARCH 2010
TYPICAL CHARACTERISTICS
with C(DECOUPLE) = 1 mF, CI = 1 µF.
All THD + N graphs are taken with outputs out of phase (unless otherwise noted).
All data is taken on left channel.
Table of Graphs
FIGURE
Quiescent supply current
vs Supply voltage
Figure 3
Supply current
vs Supply voltage in shutdown
Figure 4
Output level
vs Input level
Figure 5
Output level
vs Input level
Figure 6
Output level
vs Input level
Figure 7
Output level
vs Input level
Figure 8
Output level
vs Input level
Figure 9
Supply ripple rejection ratio
vs Frequency, 8
Ω
Figure 10
Total harmonic distortion + noise
vs Frequency Vsupply = 2.5V, 4
Ω
Figure 11
Total harmonic distortion + noise
vs Frequency Vsupply = 2.5V, 8
Ω
Figure 12
Total harmonic distortion + noise
vs Frequency Vsupply = 3.6V, 4
Ω
Figure 13
Total harmonic distortion + noise
vs Frequency Vsupply = 3.6V, 8
Ω
Figure 14
Total harmonic distortion + noise
vs Frequency Vsupply = 5.0V, 4
Ω
Figure 15
Total harmonic distortion + noise
vs Frequency Vsupply = 5.0V, 8
Ω
Figure 16
Total harmonic distortion + noise
vs Output power, 4
Ω
Figure 17
Total harmonic distortion + noise
vs Output power, 8
Ω
Figure 18
Efficiency
vs Output power (per channel), 4
Ω
Figure 19
Efficiency
vs Output power (per channel), 8
Ω
Figure 20
Total power dissipation
vs Total output power, 4
Ω
Figure 21
Total power dissipation
vs Total output power, 8
Ω
Figure 22
Total supply current
vs Total output power, 4
Ω
Figure 23
Total supply current
vs Total output power, 8
Ω
Figure 24
Output power
vs Supply voltage, 4
Ω
Figure 25
Output power
vs Supply voltage, 8
Ω
Figure 26
TPA2026D2
vs TPA2016D2 Startup gain ramp
Figure 27
TPA2026D2
vs TPA2016D2 Shutdown gain ramp
Figure 28
Shutdown time
Figure 29
Startup time
Figure 30
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA2026D2


유사한 부품 번호 - TPA2026D2YZHT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2026D2 TI-TPA2026D2 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
More results

유사한 설명 - TPA2026D2YZHT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com