전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSF303D825A- 데이터시트(PDF) 5 Page - Token Electronics Industry Co., Ltd.

부품명 TSF303D825A-
상세설명  Front End Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOKEN [Token Electronics Industry Co., Ltd.]
홈페이지  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSF303D825A- 데이터시트(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TSF303D825A- Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TSF303D825A- Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TSF303D825A- Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TSF303D825A- Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSF303D825A- Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSF303D825A- Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSF303D825A- Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSF303D825A- Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSF303D825A- Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
05 of 14
Version 2010
Saw for GPS Mobile Communications
Part Number
Center Freq.
(MHz)
BW
(MHz)
IL(dB)
Package
SMD Type
DIP Type
TSF1542D50-S9
1542.50
40
3.5
DCC6C
TSF1575D42A-S9
1575.42
2.4
1.6
DCC6C
TSF1575D42B-S6
1575.42
2.4
1.6
QCC8B
RF Filters for GPS Typical Specification
http://www.token.com.tw/
rfq token.com.tw
TOKEN


유사한 부품 번호 - TSF303D825A-

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSF30H100C TSC-TSF30H100C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
TSF30H120C TSC-TSF30H120C Datasheet
181Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSF30H120C TSC-TSF30H120C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
TSF30H150C TSC-TSF30H150C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
TSF30H200C TSC-TSF30H200C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
More results

유사한 설명 - TSF303D825A-

제조업체부품명데이터시트상세설명
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com