전자부품 데이터시트 검색엔진 |
|
74ABT543A 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
74ABT543A 데이터시트(HTML) 1 Page - NXP Semiconductors |
1 / 15 page 1. General description The 74ABT543A high performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive. The 74ABT543A octal registered transceiver contains two sets of D-type latches for temporary storage of data flowing in either direction. Separate latch enable (LEAB, LEBA) and output enable (OEAB, OEBA) inputs are provided for each register to permit independent control of data transfer in either direction. The outputs are guaranteed to sink 64 mA. 2. Features I Combines 74ABT245 and 74ABT373 type functions in one device I 8-bit octal transceiver with D-type latch I Back-to-back registers for storage I Separate controls for data flow in each direction I Live insertion and extraction permitted I Output capability: +64 mA to −32 mA I Power-up 3-state I Power-up reset I Latch-up protection exceeds 500 mA per JESD78B class II level A I ESD protection: N HBM JESD22-A114F exceeds 2000 V N MM JESD22-A115-A exceeds 200 V 3. Ordering information 74ABT543A Octal latched transceiver with dual enable; 3-state Rev. 03 — 26 January 2010 Product data sheet Table 1. Ordering information Type number Package Temperature range Name Description Version 74ABT543AD −40 °Cto+85 °C SO24 plastic small outline package; 24 leads; body width 7.5 mm SOT137-1 74ABT543ADB −40 °Cto+85 °C SSOP24 plastic shrink small outline package; 24 leads; body width 5.3 mm SOT340-1 74ABT543APW −40 °Cto+85 °C TSSOP24 plastic thin shrink small outline package; 24 leads; body width 4.4 mm SOT355-1 |
유사한 부품 번호 - 74ABT543A |
|
유사한 설명 - 74ABT543A |