전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT646A 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74ABT646A
상세설명  Octal bus transceiver/register; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT646A 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74ABT646A Datasheet HTML 6Page - NXP Semiconductors 74ABT646A Datasheet HTML 7Page - NXP Semiconductors 74ABT646A Datasheet HTML 8Page - NXP Semiconductors 74ABT646A Datasheet HTML 9Page - NXP Semiconductors 74ABT646A Datasheet HTML 10Page - NXP Semiconductors 74ABT646A Datasheet HTML 11Page - NXP Semiconductors 74ABT646A Datasheet HTML 12Page - NXP Semiconductors 74ABT646A Datasheet HTML 13Page - NXP Semiconductors 74ABT646A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74ABT646A_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 March 2010
10 of 19
NXP Semiconductors
74ABT646A
Octal bus transceiver/register; 3-state
11. Waveforms
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay clock input to output and clock pulse width, maximum clock frequency
001aae839
tPHL
tPLH
tWH
tWL
1 / fmax
VM
VI
VOH
GND
VOL
VM
VM
VM
VM
CPBA or
CPAB
An or Bn
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Propagation delay, SAB to Bn or SBA to An, An to Bn or Bn to An
001aae895
VM
VI
GND
VOH
VOL
VM
tPLH
tPHL
VM
VM
SBA or SAB,
An or Bn
An or Bn
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 8.
3-state output enable time to HIGH-level and output disable time from HIGH-level
001aae896
An or Bn
VM
VI
GND
VOH
GND
VOH − 0.3 V
VM
tPHZ
tPZH
VM
OE, DIR


유사한 부품 번호 - 74ABT646A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646AD PHILIPS-74ABT646AD Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646ADB PHILIPS-74ABT646ADB Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646AN PHILIPS-74ABT646AN Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646APW PHILIPS-74ABT646APW Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
More results

유사한 설명 - 74ABT646A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com