전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC1G14GW 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AHC1G14GW
상세설명  Inverting Schmitt trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G14GW 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC1G14GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 9Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 10Page - NXP Semiconductors 74AHC1G14GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74AHC_AHCT1G14_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 18 May 2009
7 of 15
NXP Semiconductors
74AHC1G14; 74AHCT1G14
Inverting Schmitt trigger
13. Waveforms
13.1 Transfer characteristic waveforms
The test data is given in Table 10
Test data is given in Table 9.
Definitions for test circuit:
CL = Load capacitance.
RT = Termination resistance should be equal to output
impedance Zo of the pulse generator.
Fig 5.
The input (A) to output (Y) propagation delays
Fig 6.
Load circuitry for switching times
mna033
A input
Y output
tPHL
tPLH
VM
VM
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
DUT
Table 10.
Test data
Type number
Input
Output
VI
VM
VM
74AHC1G14
GND to VCC
0.5
× VCC
0.5
× VCC
74AHCT1G14
GND to 3.0 V
1.5 V
0.5
× VCC
Fig 7.
Transfer characteristic
Fig 8.
The definitions of VT+, VT− and VH
mna026
VO
VH
VI
VT−
VT+
mna027
VO
VI
VH
VT+
VT−


유사한 부품 번호 - 74AHC1G14GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC1G14GW PHILIPS-74AHC1G14GW Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC1G14GW NXP-74AHC1G14GW Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06-18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14GW NEXPERIA-74AHC1G14GW Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHC1G14GW-Q100 NEXPERIA-74AHC1G14GW-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
74AHC1G14GW-Q100 NEXPERIA-74AHC1G14GW-Q100 Datasheet
259Kb / 14P
   Inverting Schmitt trigger
Rev. 4 - 12 January 2022
More results

유사한 설명 - 74AHC1G14GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com