전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT3G04GD 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AHCT3G04GD
상세설명  Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT3G04GD 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT3G04GD Datasheet HTML 5Page - NXP Semiconductors 74AHCT3G04GD Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G04GD Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G04GD Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G04GD Datasheet HTML 9Page - NXP Semiconductors 74AHCT3G04GD Datasheet HTML 10Page - NXP Semiconductors 74AHCT3G04GD Datasheet HTML 11Page - NXP Semiconductors 74AHCT3G04GD Datasheet HTML 12Page - NXP Semiconductors 74AHCT3G04GD Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
74AHC_AHCT3G04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 26 January 2009
9 of 13
NXP Semiconductors
74AHC3G04; 74AHCT3G04
Inverter
Fig 9.
Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


유사한 부품 번호 - 74AHCT3G04GD

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT3G04 PHILIPS-74AHCT3G04 Datasheet
84Kb / 16P
   INVERTER
2003 Nov 06
logo
Nexperia B.V. All right...
74AHCT3G04-Q100 NEXPERIA-74AHCT3G04-Q100 Datasheet
211Kb / 11P
   The 74AHC3G04-Q100; 74AHCT3G04-Q100 are high-speed Si-gate CMOS devices. They provide three inverting buffers
logo
NXP Semiconductors
74AHCT3G04DC PHILIPS-74AHCT3G04DC Datasheet
84Kb / 16P
   INVERTER
2003 Nov 06
logo
Nexperia B.V. All right...
74AHCT3G04DC NEXPERIA-74AHCT3G04DC Datasheet
236Kb / 13P
   Inverter
Rev. 5 - 4 August 2021
74AHCT3G04DC-Q100 NEXPERIA-74AHCT3G04DC-Q100 Datasheet
211Kb / 11P
   The 74AHC3G04-Q100; 74AHCT3G04-Q100 are high-speed Si-gate CMOS devices. They provide three inverting buffers
More results

유사한 설명 - 74AHCT3G04GD

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com