전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC244BQ 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74AHC244BQ
상세설명  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC244BQ 데이터시트(HTML) 1 Page - NXP Semiconductors

  74AHC244BQ Datasheet HTML 1Page - NXP Semiconductors 74AHC244BQ Datasheet HTML 2Page - NXP Semiconductors 74AHC244BQ Datasheet HTML 3Page - NXP Semiconductors 74AHC244BQ Datasheet HTML 4Page - NXP Semiconductors 74AHC244BQ Datasheet HTML 5Page - NXP Semiconductors 74AHC244BQ Datasheet HTML 6Page - NXP Semiconductors 74AHC244BQ Datasheet HTML 7Page - NXP Semiconductors 74AHC244BQ Datasheet HTML 8Page - NXP Semiconductors 74AHC244BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AHC244; 74AHCT244 is a high-speed Si-gate CMOS device.
The 74AHC244; 74AHCT244 has octal non-inverting buffer/line drivers with 3-state
outputs. The 3-state outputs are controlled by the output enable inputs (nOE). A HIGH on
nOE causes the outputs to assume a high-impedance OFF-state.
2.
Features
s Balanced propagation delays
s All inputs have a Schmitt-trigger action
s Inputs accepts voltages higher than VCC
s For 74AHC244 only: operates with CMOS input levels
s For 74AHCT244 only: operates with TTL input levels
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101C exceeds 1000 V
s Multiple package options
s Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
3.
Ordering information
74AHC244; 74AHCT244
Octal buffer/line driver; 3-state
Rev. 05 — 20 December 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC244D
−40 °C to +125 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74AHCT244D
74AHC244PW
−40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74AHCT244PW
74AHC244BQ
−40 °C to +125 °C
DHVQFN20
plastic dual-in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5
× 4.5 × 0.85 mm
SOT764-1
74AHCT244BQ


유사한 부품 번호 - 74AHC244BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC244BQ NXP-74AHC244BQ Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHC244BQ NEXPERIA-74AHC244BQ Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHC244BQ-Q100 NEXPERIA-74AHC244BQ-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
More results

유사한 설명 - 74AHC244BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com