전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G17GW 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AUP1G17GW
상세설명  Low-power Schmitt trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G17GW 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1G17GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74AUP1G17_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 10 July 2009
7 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
11. Dynamic characteristics
∆I
OFF
additional power-off leakage
current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
1.4
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
--
75
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
19.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
5.7
10.6
2.5
10.9
11.1
ns
VCC = 1.4 V to 1.6 V
2.4
4.2
6.5
2.3
7.1
7.4
ns
VCC = 1.65 V to 1.95 V
2.0
3.6
5.5
1.9
6.1
6.3
ns
VCC = 2.3 V to 2.7 V
1.9
3.0
4.2
1.8
4.6
4.8
ns
VCC = 3.0 V to 3.6 V
1.8
2.7
3.6
1.5
3.8
4.0
ns
CL = 10 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
22.5
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.9
6.6
12.4
2.7
12.9
13.0
ns
VCC = 1.4 V to 1.6 V
2.6
4.8
7.8
2.4
8.3
8.7
ns
VCC = 1.65 V to 1.95 V
2.5
4.2
6.3
2.4
6.8
7.1
ns
VCC = 2.3 V to 2.7 V
2.3
3.5
4.8
2.1
5.3
5.6
ns
VCC = 3.0 V to 3.6 V
2.1
3.3
4.4
2.0
4.6
4.8
ns
CL = 15 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
26.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
7.4
14.1
3.1
14.7
14.9
ns
VCC = 1.4 V to 1.6 V
3.1
5.4
8.7
2.8
9.5
9.9
ns
VCC = 1.65 V to 1.95 V
2.7
4.7
7.1
2.7
7.8
8.2
ns
VCC = 2.3 V to 2.7 V
2.6
4.0
5.6
2.5
6.0
6.3
ns
VCC = 3.0 V to 3.6 V
2.5
3.7
4.9
2.2
5.2
5.5
ns


유사한 부품 번호 - 74AUP1G17GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G17GW PHILIPS-74AUP1G17GW Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
logo
Nexperia B.V. All right...
74AUP1G17GW NEXPERIA-74AUP1G17GW Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
74AUP1G17GW-Q100 NEXPERIA-74AUP1G17GW-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
More results

유사한 설명 - 74AUP1G17GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AXP1G17 NEXPERIA-74AXP1G17 Datasheet
805Kb / 17P
   Low-power Schmitt trigger
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17_15 Datasheet
240Kb / 24P
   Low-power Schmitt trigger
Rev. 8-15 January 2015
74AXP1G17 PHILIPS-74AXP1G17_15 Datasheet
196Kb / 17P
   Low-power Schmitt trigger
Rev. 1-6 September 2014
logo
Nexperia B.V. All right...
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
74AUP1G17 NEXPERIA-74AUP1G17 Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17_09 Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com