전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G79GV 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AUP1G79GV
상세설명  Low-power D-type flip-flop; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G79GV 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AUP1G79GV Datasheet HTML 1Page - NXP Semiconductors 74AUP1G79GV Datasheet HTML 2Page - NXP Semiconductors 74AUP1G79GV Datasheet HTML 3Page - NXP Semiconductors 74AUP1G79GV Datasheet HTML 4Page - NXP Semiconductors 74AUP1G79GV Datasheet HTML 5Page - NXP Semiconductors 74AUP1G79GV Datasheet HTML 6Page - NXP Semiconductors 74AUP1G79GV Datasheet HTML 7Page - NXP Semiconductors 74AUP1G79GV Datasheet HTML 8Page - NXP Semiconductors 74AUP1G79GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74AUP1G79_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 3 August 2009
4 of 20
NXP Semiconductors
74AUP1G79
Low-power D-type flip-flop; positive-edge trigger
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
↑ = LOW-to-HIGH CP transition;
X = don’t care;
q = lower case letter indicates the state of referenced input, one setup time prior to the LOW-to-HIGH CP transition.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input
Output
CP
D
Q
LL
HH
LX
q
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


유사한 부품 번호 - 74AUP1G79GV

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G79GV NEXPERIA-74AUP1G79GV Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results

유사한 설명 - 74AUP1G79GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
74AUP1G80 NEXPERIA-74AUP1G80 Datasheet
295Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 7 - 23 January 2023
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com