전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G132GW 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74AUP1G132GW
상세설명  Low-power 2-input NAND Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G132GW 데이터시트(HTML) 3 Page - NXP Semiconductors

  74AUP1G132GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G132GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G132GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G132GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G132GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G132GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G132GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G132GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G132GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74AUP1G132_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 15 June 2009
3 of 18
NXP Semiconductors
74AUP1G132
Low-power 2-input NAND Schmitt trigger
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
Fig 4.
Pin configuration SOT353-1
(TSSOP5)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP1G132
BVCC
A
GND
Y
001aac531
1
2
3
5
4
74AUP1G132
A
001aac530
B
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
74AUP1G132
A
001aaf508
B
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
TSSOP5
XSON6
B
1
1
data input B
A
2
2
data input A
GND
3
3
ground (0 V)
Y
4
4
data output Y
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input
Output
A
B
Y
LLH
LH
H
HL
H
HHL


유사한 부품 번호 - 74AUP1G132GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G132GW NEXPERIA-74AUP1G132GW Datasheet
286Kb / 19P
   Low-power 2-input NAND Schmitt trigger
Rev. 8 - 14 January 2022
74AUP1G132GW-Q100 NEXPERIA-74AUP1G132GW-Q100 Datasheet
238Kb / 14P
   Low-power 2-input NAND Schmitt trigger
Rev. 3 - 14 January 2022
More results

유사한 설명 - 74AUP1G132GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G132 PHILIPS-74AUP1G132_15 Datasheet
367Kb / 22P
   Low-power 2-input NAND Schmitt trigger
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G132-Q100 NEXPERIA-74AUP1G132-Q100 Datasheet
238Kb / 14P
   Low-power 2-input NAND Schmitt trigger
Rev. 3 - 14 January 2022
74AUP1G132 NEXPERIA-74AUP1G132 Datasheet
286Kb / 19P
   Low-power 2-input NAND Schmitt trigger
Rev. 8 - 14 January 2022
74AUP2G132 NEXPERIA-74AUP2G132 Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
logo
NXP Semiconductors
74AUP2G132 NXP-74AUP2G132 Datasheet
111Kb / 19P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 03-15 December 2008
74AUP2G132 PHILIPS-74AUP2G132_15 Datasheet
296Kb / 23P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 7-8 February 2013
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
   2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com