전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G175 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AUP1G175
상세설명  Low-power D-type flip-flop with reset; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G175 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G175 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G175 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74AUP1G175_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 28 February 2008
9 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
CL = 10 pF
tpd
propagation delay
CP to Q; see Figure 7
[2]
VCC = 0.8 V
-
24.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.8
13.3
2.4
13.6
13.6
ns
VCC = 1.4 V to 1.6 V
2.3
4.8
7.9
2.0
8.4
8.7
ns
VCC = 1.65 V to 1.95 V
2.1
3.9
6.1
1.8
6.6
6.9
ns
VCC = 2.3 V to 2.7 V
1.7
3.0
4.3
1.5
4.7
5.0
ns
VCC = 3.0 V to 3.6 V
1.6
2.7
3.6
1.3
4.0
4.2
ns
MR to Q; see Figure 8
[2]
VCC = 0.8 V
-
21.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.2
11.5
2.6
11.7
13.6
ns
VCC = 1.4 V to 1.6 V
2.5
4.4
6.1
2.4
7.6
7.8
ns
VCC = 1.65 V to 1.95 V
2.5
3.7
5.7
2.2
6.3
6.3
ns
VCC = 2.3 V to 2.7 V
2.1
3.2
4.3
1.9
4.7
4.9
ns
VCC = 3.0 V to 3.6 V
2.0
3.0
3.9
1.8
4.1
4.3
ns
fmax
maximum
frequency
CP; see Figure 7
VCC = 0.8 V
-
50
-
-
-
-
MHz
VCC = 1.1 V to 1.3 V
-
190
-
150
-
-
MHz
VCC = 1.4 V to 1.6 V
-
320
-
280
-
-
MHz
VCC = 1.65 V to 1.95 V
-
420
-
310
-
-
MHz
VCC = 2.3 V to 2.7 V
-
485
-
370
-
-
MHz
VCC = 3.0 V to 3.6 V
-
550
-
410
-
-
MHz
CL = 15 pF
tpd
propagation delay
CP to Q; see Figure 7
[2]
VCC = 0.8 V
-
28.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.0
7.6
14.8
2.8
15.2
15.4
ns
VCC = 1.4 V to 1.6 V
2.7
5.3
8.7
2.3
9.4
9.9
ns
VCC = 1.65 V to 1.95 V
2.3
4.4
6.8
2.1
7.4
7.9
ns
VCC = 2.3 V to 2.7 V
2.1
3.5
5.0
1.9
5.3
5.6
ns
VCC = 3.0 V to 3.6 V
2.0
3.1
4.3
1.7
4.7
4.9
ns
MR to Q; see Figure 8
[2]
VCC = 0.8 V
-
24.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
7.0
13.2
2.9
13.5
15.2
ns
VCC = 1.4 V to 1.6 V
3.1
5.0
6.8
2.6
8.6
9.1
ns
VCC = 1.65 V to 1.95 V
2.5
4.3
6.5
2.5
7.2
7.4
ns
VCC = 2.3 V to 2.7 V
2.6
3.7
5.0
2.2
5.4
5.5
ns
VCC = 3.0 V to 3.6 V
2.4
3.5
4.4
2.1
4.8
5.0
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


유사한 부품 번호 - 74AUP1G175

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G175 PHILIPS-74AUP1G175 Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
logo
Nexperia B.V. All right...
74AUP1G175 NEXPERIA-74AUP1G175 Datasheet
296Kb / 21P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 18 January 2022
74AUP1G175-Q100 NEXPERIA-74AUP1G175-Q100 Datasheet
219Kb / 17P
   Low-power D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AUP1G175GF PHILIPS-74AUP1G175GF Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
74AUP1G175GM PHILIPS-74AUP1G175GM Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
More results

유사한 설명 - 74AUP1G175

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G175 PHILIPS-74AUP1G175 Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
logo
Nexperia B.V. All right...
74AUP1G175 NEXPERIA-74AUP1G175 Datasheet
296Kb / 21P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 18 January 2022
74AUP1G175-Q100 NEXPERIA-74AUP1G175-Q100 Datasheet
219Kb / 17P
   Low-power D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com