전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G374GW 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74AUP1G374GW
상세설명  Low-power D-type flip-flop; positive-edge trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G374GW 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G374GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
74AUP1G374_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 26 June 2009
10 of 20
NXP Semiconductors
74AUP1G374
Low-power D-type flip-flop; positive-edge trigger; 3-state
ten
enable time OE to Q; see Figure 8
[3]
VCC = 0.8 V
-
28.6
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.3
7.4
11.6
3.9
12.1
3.9
13.3
ns
VCC = 1.4 V to 1.6 V
3.5
5.3
7.2
3.1
8.0
3.1
8.8
ns
VCC = 1.65 V to 1.95 V
3.1
4.5
6.1
2.8
6.7
2.8
7.4
ns
VCC = 2.3 V to 2.7 V
2.7
3.8
5.0
2.5
5.4
2.5
5.9
ns
VCC = 3.0 V to 3.6 V
2.7
3.6
4.7
2.5
4.9
2.5
5.4
ns
tdis
disable time OE to Q; see Figure 8
[4]
VCC = 0.8 V
-
13.5
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
5.0
6.8
9.5
4.9
9.6
4.9
10.6
ns
VCC = 1.4 V to 1.6 V
3.9
5.1
6.8
3.8
7.0
3.8
7.7
ns
VCC = 1.65 V to 1.95 V
4.3
5.4
7.0
4.1
7.2
4.1
7.9
ns
VCC = 2.3 V to 2.7 V
3.0
3.9
4.9
2.9
5.1
2.9
5.6
ns
VCC = 3.0 V to 3.6 V
4.1
5.1
6.2
4.0
6.4
4.0
7.0
ns
fmax
maximum
frequency
CP; see Figure 7
VCC = 0.8 V
-
50
-
-
-
-
-
MHz
VCC = 1.1 V to 1.3 V
-
181
-
120
-
120
-
MHz
VCC = 1.4 V to 1.6 V
-
301
-
190
-
160
-
MHz
VCC = 1.65 V to 1.95 V
-
407
-
240
-
190
-
MHz
VCC = 2.3 V to 2.7 V
-
422
-
300
-
270
-
MHz
VCC = 3.0 V to 3.6 V
-
481
-
320
-
300
-
MHz
CL = 30 pF
tpd
propagation
delay
CP to Q; see Figure 7
[2]
VCC = 0.8 V
-
40.8
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.7
10.3
20.5
3.5
21.2
3.5
21.6
ns
VCC = 1.4 V to 1.6 V
3.3
7.0
11.6
3.2
12.6
3.2
13.3
ns
VCC = 1.65 V to 1.95 V
3.2
5.8
9.1
2.9
9.8
2.9
10.4
ns
VCC = 2.3 V to 2.7 V
3.0
4.7
6.5
2.6
7.0
2.6
7.4
ns
VCC = 3.0 V to 3.6 V
2.9
4.2
5.8
2.5
6.6
2.5
6.9
ns
ten
enable time OE to Q; see Figure 8
[3]
VCC = 0.8 V
-
39.0
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
5.6
9.8
15.7
5.0
16.5
5.0
18.2
ns
VCC = 1.4 V to 1.6 V
4.6
7.0
9.5
4.1
10.6
4.1
11.7
ns
VCC = 1.65 V to 1.95 V
4.1
5.9
7.9
3.7
8.6
3.7
9.5
ns
VCC = 2.3 V to 2.7 V
3.7
5.0
6.6
3.3
7.1
3.3
7.8
ns
VCC = 3.0 V to 3.6 V
3.5
4.8
6.2
3.2
6.5
3.2
7.2
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
(85
°C)
Max
(85
°C)
Min
(125
°C)
Max
(125
°C)


유사한 부품 번호 - 74AUP1G374GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G374GW NEXPERIA-74AUP1G374GW Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
74AUP1G374GW-Q100 NEXPERIA-74AUP1G374GW-Q100 Datasheet
712Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger 3-state
More results

유사한 설명 - 74AUP1G374GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G374-Q100 NEXPERIA-74AUP1G374-Q100 Datasheet
712Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger 3-state
74AUP1G374 NEXPERIA-74AUP1G374 Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
   Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com