전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC8.2-4A11 데이터시트(PDF) 2 Page - Ferroxcube International Holding B.V.

부품명 TC8.2-4A11
상세설명  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FERROXCUBE [Ferroxcube International Holding B.V.]
홈페이지  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TC8.2-4A11 데이터시트(HTML) 2 Page - Ferroxcube International Holding B.V.

  TC8.2-4A11 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TC8.2-4A11 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TC8.2-4A11 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1602
Ferroxcube
Ferrite toroids
TC8.2/3.7/4
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with parylene C, flame retardant in
accordance with “UL 94V-2”; UL file number E 194397.
The coating is transparent.
Maximum operating temperature is 90
°C.
Isolation voltage
DC isolation voltage: 1000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.99
mm−1
Ve
effective volume
144
mm3
Ie
effective length
16.9
mm
Ae
effective area
8.5
mm2
m
mass of core
≈ 0.7
g
Fig.1 TC8.2/3.7/4 ring core.
Dimensions (uncoated) in mm.
MFW085
coating PARYLENE 'C'
8.2
± 0.25
3.73
± 0.15
4.0
± 0.15
( 12
µm)
Ring core data
GRADE
AL
(nH)
µi
TYPE NUMBER
4A11
440
± 25%
≈ 700(1)
1.
Old permeability specification maintained.
TC8.2/3.7/4-4A11
3E7
7560
± 30%
≈ 12000
TC8.2/3.7/4-3E7


유사한 부품 번호 - TC8.2-4A11

제조업체부품명데이터시트상세설명
logo
SHENZHEN FUMAN ELECTRON...
TC8 FUMAN-TC8 Datasheet
293Kb / 33P
   16Pin infrared remote control IC
logo
TiMOTION Technology Co....
TC8 TIMOTION-TC8 Datasheet
322Kb / 4P
   Includes 3 modules: control unit, power supply, and battery
20170209-F
logo
Mini-Circuits
TC8-1 MINI-TC8-1 Datasheet
317Kb / 1P
   RF Transformer
TC8-1++ MINI-TC8-1+ Datasheet
317Kb / 1P
   RF Transformer
logo
Tumbler Technologies + ...
TC8-13S242.5R TRUMPOWER-TC8-13S242.5R Datasheet
27Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12.5 to 20 Watt
More results

유사한 설명 - TC8.2-4A11

제조업체부품명데이터시트상세설명
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com