전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

FZT1147A 데이터시트(Datasheet) 1 Page - Zetex Semiconductors

부품명 FZT1147A
상세내용  PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo 

   
 1 page
background image
PNP SILICON PLANAR MEDIUM POWER
HIGH GAIN TRANSISTOR
ISSUE 1 - JANUARY 1997
FEATURES
*V
CEO = -12V
*
5 Amp Continuous Current
*
20 Amp Pulse Current
*
Low Saturation Voltage
*
High Gain
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-15
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-20
A
Continuous Collector Current
IC
-5
A
Base Current
IB
-500
mA
Power Dissipation at Tamb=25°C
Ptot
2.5
W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
†The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 2 inches by 2 inches
FZT1147A
C
C
E
B
SOT223




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
FZT788BPNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 Zetex Semiconductors
FMMTL717PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1 2 3 Zetex Semiconductors
FZT789APNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 Zetex Semiconductors
FMMTL718PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1 2 3 Zetex Semiconductors
FZT790APNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 Zetex Semiconductors
ZTX718PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 3 4 Zetex Semiconductors
FZT792APNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1 2 3 Zetex Semiconductors
ZTX788APNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 Zetex Semiconductors
FZT795APNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 Zetex Semiconductors
ZTX788BPNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 3 Zetex Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl