전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1T58GW 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74AUP1T58GW
상세설명  Low-power configurable gate with voltage-level translator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T58GW 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1T58GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1T58GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1T58GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1T58GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1T58GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1T58GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1T58GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1T58GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1T58GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74AUP1T58_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 29 September 2009
10 of 17
NXP Semiconductors
74AUP1T58
Low-power configurable gate with voltage-level translator
12. Waveforms
Measurement points are given in Table 10.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 12. Input A, B and C to output Y propagation delay times
Y output
A, B, C input
Y output
GND
VI
VOH
VOH
VOL
VOL
VM
VM
VM
VM
VM
VM
tPLH
tPLH
tPHL
tPHL
001aab593
Table 10.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
2.3 V to 3.6 V
0.5
× VCC
0.5
× VI
1.65 V to 3.6 V
≤ 3.0 ns


유사한 부품 번호 - 74AUP1T58GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1T58GW NEXPERIA-74AUP1T58GW Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
More results

유사한 설명 - 74AUP1T58GW

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
   Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
logo
NXP Semiconductors
74AUP1T98 NXP-74AUP1T98 Datasheet
99Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-6 March 2008
logo
Nexperia B.V. All right...
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com