전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC1T45 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74AVC1T45
상세설명  Dual supply translating transceiver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC1T45 데이터시트(HTML) 2 Page - NXP Semiconductors

  74AVC1T45 Datasheet HTML 1Page - NXP Semiconductors 74AVC1T45 Datasheet HTML 2Page - NXP Semiconductors 74AVC1T45 Datasheet HTML 3Page - NXP Semiconductors 74AVC1T45 Datasheet HTML 4Page - NXP Semiconductors 74AVC1T45 Datasheet HTML 5Page - NXP Semiconductors 74AVC1T45 Datasheet HTML 6Page - NXP Semiconductors 74AVC1T45 Datasheet HTML 7Page - NXP Semiconductors 74AVC1T45 Datasheet HTML 8Page - NXP Semiconductors 74AVC1T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
74AVC1T45_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 5 May 2009
2 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AVC1T45GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AVC1T45GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
Table 2.
Marking
Type number
Marking code[1]
74AVC1T45GW
B5
74AVC1T45GM
B5
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag885
VCC(B)
VCC(A)
5
DIR
3
A
B
4
001aag886
VCC(B)
VCC(A)
DIR
A
B


유사한 부품 번호 - 74AVC1T45

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74AVC1T45 DIODES-74AVC1T45 Datasheet
553Kb / 17P
   TRANSCEIVER WITH 3 STATE OUTPUTS
logo
Nexperia B.V. All right...
74AVC1T45 NEXPERIA-74AVC1T45 Datasheet
324Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 2 February 2022
74AVC1T45-Q100 NEXPERIA-74AVC1T45-Q100 Datasheet
290Kb / 20P
   Dual-supply voltage level translator/transceiver 3-state
74AVC1T45GM NEXPERIA-74AVC1T45GM Datasheet
324Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 2 February 2022
74AVC1T45GM-Q100 NEXPERIA-74AVC1T45GM-Q100 Datasheet
290Kb / 20P
   Dual-supply voltage level translator/transceiver 3-state
More results

유사한 설명 - 74AVC1T45

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com