전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLV1G125 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74CBTLV1G125
상세설명  Single bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV1G125 데이터시트(HTML) 5 Page - NXP Semiconductors

  74CBTLV1G125 Datasheet HTML 1Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 2Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV1G125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74CBTLV1G125_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2007
5 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
[1]
Typical values are measured at Tamb =25 °C and at VCC = 3.3 V.
[2]
One input at 3 V, other inputs at VCC or GND.
[1]
Typical values are measured at Tamb =25 °C.
[2]
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±10
µA
ICC
supply current
VI = GND or VCC; IO = 0 A; VCC = 3.6 V
-
-
10
µA
∆ICC
additional supply current
control input; VI =VCC − 0.6 V; VCC = 3.6 V
[2] -
-
300
µA
CI
input capacitance
control input; VI = 0 V or 3 V
-
2.5
-
pF
Csw
switch capacitance
OFF-state
-
7.0
-
pF
ON-state
-
10.3
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
II
input leakage current
VI = GND to VCC; VCC = 3.6 V
-
-
±100
µA
IS(OFF)
OFF-state leakage current
VI =VIH or VIL; VO =VCC − GND;
VCC = 3.6 V; see Figure 6
--
±200
µA
IS(ON)
ON-state leakage current
VI =VIH or VIL; VCC = 3.6 V; see Figure 7
--
±200
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±10
µA
ICC
supply current
VI = GND or VCC; IO = 0 A; VCC = 3.6 V
-
-
200
µA
∆ICC
additional supply current
control input; VI =VCC − 0.6 V; VCC = 3.6 V
[2] -
-
5000
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 8.
Resistance RON
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 8.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
RON
ON resistance VCC = 2.3 V; see Figure 9
[2]
ISW = 64 mA; VI = 0 V
-
4.7
10
-
15.0
ISW = 24 mA; VI = 0 V
-
4.5
10
-
15.0
ISW = 15 mA; VI = 1.7 V
-
11
25
-
38.0
VCC = 3.0 V; see Figure 10
ISW = 64 mA; VI = 0 V
-
4.2
7
-
11.0
ISW = 24 mA; VI = 0 V
-
4.1
7
-
11.0
ISW = 15 mA; VI = 2.4 V
-
7.3
15
-
25.5


유사한 부품 번호 - 74CBTLV1G125

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Texas Instruments
74CBTLV1G125CRE4 TI-74CBTLV1G125CRE4 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
74CBTLV1G125CRE4 TI-74CBTLV1G125CRE4 Datasheet
349Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
74CBTLV1G125CRE4 TI-74CBTLV1G125CRE4 Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
74CBTLV1G125CRG4 TI-74CBTLV1G125CRG4 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
More results

유사한 설명 - 74CBTLV1G125

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com