전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLV1G125GM 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74CBTLV1G125GM
상세설명  Single bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV1G125GM 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74CBTLV1G125GM Datasheet HTML 3Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 4Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 5Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 6Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 7Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 8Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 9Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 10Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74CBTLV1G125_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2007
7 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
a. VCC = 2.5 V; ISW = 15 mA; VSW = 1.7 V
b. VCC = 2.5 V; ISW = 24 mA; VSW =0 V
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
c. VCC = 2.5 V; ISW = 64 mA; VSW =0 V
Fig 9.
Switch ON-resistance as a function of input voltage at VCC = 2.5 V
001aad732
VSW (V)
03
2
1
8
4
12
16
RON
(
Ω)
0
(1)
(2)
(3)
(4)
001aad733
VSW (V)
03
2
1
8
4
12
16
RON
(
Ω)
0
(1)
(2)
(3)
(4)
001aad734
VSW (V)
03
2
1
6
10
14
RON
(
Ω)
2
(1)
(2)
(3)
(4)


유사한 부품 번호 - 74CBTLV1G125GM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74CBTLV1G125GM PHILIPS-74CBTLV1G125GM Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
More results

유사한 설명 - 74CBTLV1G125GM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com