전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FZT796A 데이터시트(PDF) 2 Page - Zetex Semiconductors

부품명 FZT796A
상세설명  PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT796A 데이터시트(HTML) 2 Page - Zetex Semiconductors

  FZT796A Datasheet HTML 1Page - Zetex Semiconductors FZT796A Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT223 PNP SILICON PLANAR MEDIUM
POWER HIGH GAIN TRANSISTOR
ISSUE 3 - OCTOBER 1995
FEATURES
* 200 Volt VCEO
* Gain of 250 at IC=0.3 Amps
* Very low saturation voltage
APPLICATIONS
* Battery powered circuits
COMPLEMENTARY TYPE -
FZT696B
PARTMARKING DETAIL -
FZT796A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-200
V
Collector-Emitter Voltage
VCEO
-200
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-1
A
Continuous Collector Current
IC
-0.5
A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
Breakdown Voltage
Collector-Base
Collector-Emitter
V(BR)CBO -200
V
IC=-100µA
V(BR)CEO -200
V
IC=-10mA*
Emitter-Base
V(BR)EBO -5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-0.1
µ
A
VCB=-150V
Emitter Cut-Off Current
IEBO
-0.1
µ
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.2
-0.3
-0.3
V
V
V
IC=-50mA, IB=-2mA*
IC=-100mA, IB=-5mA*
IC=-200mA, IB=-20mA*
Base-EmitterSaturationVoltage VBE(sat)
-0.95 V
IC=-200mA,IB=-20mA*
Base-EmitterTurn-OnVoltage
VBE(on)
-0.67
V
IC=-200mA,VCE=-10V*
Static Forward Current
Transfer Ratio
hFE
300
300
250
100
800
IC=-10mA, VCE=-10V*
IC=-100mA, VCE=-10V*
IC=-300mA, VCE=-10V*
IC=-400mA, VCE=-10V*
Transition Frequency
fT
100
MHz IC=-50mA, VCE=-5V
f=50MHz
Input Capacitance
Cibo
225
pF
VEB=-0.5V, f=1MHz
Output Capacitance
Cobo
12
pF
VCB=-10V, f=1MHz
Switching Times
ton
toff
100
3200
ns
ns
IC=-100mA, IB1=-10mA
IB2=-10mA, VCC=-50V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT796A
FZT796A
C
C
E
B
3 - 256
3 - 255
0.01
0.1
1
10
0.8
0.6
0
1.6
0.01
0.1
1
10
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
IC-
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
750
500
250
Tamb=25°C
-55°C
+25°C
+100°C
+175°C
0
+100°C
+25°C
-55°C
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
-55°C
+25°C
+100°C
+175°C
1.8
1.4
1.2
1.0
0.4
0.2
0.8
0.6
0
1.6
1.8
1.4
1.2
1.0
0.4
0.2
-55°C
+25°C
+100°C
0.001
IC/IB=10
IC/IB=40
IC/IB=20
0.001
IC/IB=20
VCE=10V
VCE=10V
IC/IB=10
TYPICAL CHARACTERISTICS
+
Safe Operating Area
VCE - Collector Emitter Voltage (V)
1
0.1
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
1000
0.001


유사한 부품 번호 - FZT796A

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
FZT796A DIODES-FZT796A Datasheet
90Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT796A DIODES-FZT796A_15 Datasheet
90Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
More results

유사한 설명 - FZT796A

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
   PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com