전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT2G125DC 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HCT2G125DC
상세설명  Dual buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G125DC 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT2G125DC Datasheet HTML 2Page - NXP Semiconductors 74HCT2G125DC Datasheet HTML 3Page - NXP Semiconductors 74HCT2G125DC Datasheet HTML 4Page - NXP Semiconductors 74HCT2G125DC Datasheet HTML 5Page - NXP Semiconductors 74HCT2G125DC Datasheet HTML 6Page - NXP Semiconductors 74HCT2G125DC Datasheet HTML 7Page - NXP Semiconductors 74HCT2G125DC Datasheet HTML 8Page - NXP Semiconductors 74HCT2G125DC Datasheet HTML 9Page - NXP Semiconductors 74HCT2G125DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74HC_HCT2G125_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 July 2008
6 of 14
NXP Semiconductors
74HC2G125; 74HCT2G125
Dual buffer/line driver; 3-state
[1]
All typical values are measured at Tamb = 25 °C.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
ten
enable time
nOE to nY; see Figure 7
[2]
VCC = 2.0 V
-
40
115
-
135
ns
VCC = 4.5 V
-
11
23
-
27
ns
VCC = 6.0 V
-
8
20
-
23
ns
tdis
disable time
nOE to nY; see Figure 7
[2]
VCC = 2.0 V
-
24
125
-
150
ns
VCC = 4.5 V
-
12
25
-
30
ns
VCC = 6.0 V
-
10
21
-
26
ns
tt
transition
time
see Figure 6
[2]
VCC = 2.0 V
-
18
75
-
90
ns
VCC = 4.5 V
-
6
15
-
18
ns
VCC = 6.0 V
-
5
13
-
15
ns
CPD
power
dissipation
capacitance
per buffer; VI = GND to VCC
[3]
output enabled
-
11
-
-
-
pF
output disabled
-
1
-
-
-
pF
74HCT2G125
tpd
propagation
delay
nA to nY; see Figure 6
[2]
VCC = 4.5 V
-
15
31
-
38
ns
VCC = 5.0 V; CL =15pF
-
12
-
-
-
ns
ten
enable time
nOE to nY; see Figure 7;
VCC = 4.5 V
[2]
-
15
35
-
42
ns
tdis
disable time
nOE to nY; see Figure 7;
VCC = 4.5 V
[2]
-
15
31
-
38
ns
tt
transition
time
see Figure 6; VCC = 4.5 V
[2]
-
6
15
-
18
ns
CPD
power
dissipation
capacitance
per buffer;
VI = GND to VCC − 1.5 V
[3]
output enabled
-
11
-
-
-
pF
output disabled
-
1
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 8.
Symbol Parameter
Conditions
Tamb = −40 °C to +85 °C Tamb = −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max


유사한 부품 번호 - 74HCT2G125DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT2G125DC PHILIPS-74HCT2G125DC Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
logo
Nexperia B.V. All right...
74HCT2G125DC NEXPERIA-74HCT2G125DC Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
74HCT2G125DC-Q100 NEXPERIA-74HCT2G125DC-Q100 Datasheet
226Kb / 13P
   Dual buffer/line driver 3-state
74HCT2G125DC-Q100 NEXPERIA-74HCT2G125DC-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
More results

유사한 설명 - 74HCT2G125DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com