전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT3G07DP 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HCT3G07DP
상세설명  Triple buffer with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G07DP 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT3G07DP Datasheet HTML 2Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 3Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 4Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 5Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 6Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 7Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 8Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 9Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74HC_HCT3G07_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 May 2009
6 of 13
NXP Semiconductors
74HC3G07; 74HCT3G07
Triple buffer with open-drain outputs
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
74HCT3G07
tPZL
OFF-state to LOW
propagation delay
nA to nY; see Figure 6
VCC = 4.5 V
-
11
27
-
32
ns
tPLZ
LOW to OFF-state
propagation delay
nA to nY; see Figure 6
VCC = 4.5 V
-
10
26
-
31
ns
tTHL
HIGH to LOW output
transition time
VCC = 4.5 V; see Figure 6
-
6
19
-
22
ns
CPD
power dissipation
capacitance
VI = GND to VCC − 1.5 V
[1]
-4
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb =25 °C; for test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
Measurement points are given in Table 9.
VOL is the typical output voltage level that occurs with the output load.
Fig 6.
The input (nA) to output (nY) propagation delays
001aak034
nA input
GND
nY output
VM
tPLZ
tPZL
tTHL
VX
VM
VOL
VCC
VI
Table 9.
Measurement points
Type
Input
Output
VM
VM
VX
74HC3G07
0.5
× V
CC
0.5
× V
CC
0.1
× V
CC
74HCT3G07
1.3 V
1.3 V
0.1
× V
CC


유사한 부품 번호 - 74HCT3G07DP

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT3G07DP NEXPERIA-74HCT3G07DP Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
74HCT3G07DP-Q100 NEXPERIA-74HCT3G07DP-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
74HCT3G07DP-Q100 NEXPERIA-74HCT3G07DP-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
More results

유사한 설명 - 74HCT3G07DP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_06 Datasheet
71Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2006 ??Rev. 5
logo
Nexperia B.V. All right...
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
logo
NXP Semiconductors
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07 Datasheet
81Kb / 8P
   Triple Buffer with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ07 ONSEMI-NL37WZ07_12 Datasheet
108Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2012 ??Rev. 8
logo
Nexperia B.V. All right...
74HCT3G07-Q100 NEXPERIA-74HCT3G07-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com