전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FZT857 데이터시트(PDF) 2 Page - Zetex Semiconductors

부품명 FZT857
상세설명  NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT857 데이터시트(HTML) 2 Page - Zetex Semiconductors

  FZT857 Datasheet HTML 1Page - Zetex Semiconductors FZT857 Datasheet HTML 2Page - Zetex Semiconductors FZT857 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
350
475
V
IC=100A
Collector-Emitter
Breakdown Voltage
V(BR)CER
350
475
V
IC=1A, RB1k
Collector-Emitter
Breakdown Voltage
V(BR)CEO
300
350
V
IC=10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
68
V
IE=100A
Collector Cut-Off Current
ICBO
50
1
nA
A
VCB=300V
VCB=300V,
Tamb=100°C
Collector Cut-Off Current
ICER
R
1k
50
1
nA
A
VCB=300V
VCB=300V,
Tamb=100°C
Emitter Cut-Off Current
IEBO
10
nA
VEB=6V
Collector-Emitter
Saturation Voltage
VCE(sat)
100
155
230
345
mV
mV
mV
mV
IC=500mA, IB=50mA*
IC=1A, IB=100mA*
IC=2A, IB=200mA*
IC=3.5A, IB=600mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1250
mV
IC=3.5A, IB=600mA*
Base-Emitter
Turn-On Voltage
VBE(on)
1.12
V
IC=3.5A, VCE=10V*
Static Forward
Current Transfer
Ratio
hFE
100
100
15
200
200
25
15
300
IC=10mA, VCE=5V
IC=500mA, VCE=10V*
IC=2A, VCE=10V*
IC=3A, VCE=10V*
Transition Frequency
fT
80
MHz
IC==100mA, VCE=10V
f=50MHz
Output Capacitance
Cobo
11
pF
VCB=20V, f=1MHz
Switching Times
ton
toff
100
5300
ns
ns
IC=250mA, IB1=25mA
IB2=25mA, VCC=50V
*Measured under pulsed conditions. Pulse width=300
s. Duty cycle 2%
Spice parameter data is available upon request for this device
FZT857


유사한 부품 번호 - FZT857

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857 Datasheet
39Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
Guangdong Kexin Industr...
FZT857 KEXIN-FZT857 Datasheet
40Kb / 2P
   NPN Silicon Planar High Current Transistor
logo
Diodes Incorporated
FZT857 DIODES-FZT857 Datasheet
46Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT
FZT857 DIODES-FZT857 Datasheet
446Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR
FZT857QTA DIODES-FZT857QTA Datasheet
322Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results

유사한 설명 - FZT857

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FZT869 ZETEX-FZT869 Datasheet
27Kb / 2P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Guangdong Kexin Industr...
FZT869 KEXIN-FZT869 Datasheet
39Kb / 2P
   NPN Silicon Planar High Current (High Performance) Transistor
logo
Zetex Semiconductors
FZT849 ZETEX-FZT849 Datasheet
60Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
FZT855 ZETEX-FZT855 Datasheet
516Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
Guangdong Kexin Industr...
FZT849 KEXIN-FZT849 Datasheet
39Kb / 2P
   NPN Silicon Planar High Current (High Performance) Transistor
FZT851 KEXIN-FZT851 Datasheet
38Kb / 2P
   NPN Silicon Planar High Current (High Performance)Transistor
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857_03 Datasheet
39Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
List of Unclassifed Man...
FZT849TA ETC2-FZT849TA Datasheet
72Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Diodes Incorporated
FZT869TA DIODES-FZT869TA Datasheet
39Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Zetex Semiconductors
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com