전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT4067 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HCT4067
상세설명  16-channel analog multiplexer/demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT4067 Datasheet HTML 4Page - NXP Semiconductors 74HCT4067 Datasheet HTML 5Page - NXP Semiconductors 74HCT4067 Datasheet HTML 6Page - NXP Semiconductors 74HCT4067 Datasheet HTML 7Page - NXP Semiconductors 74HCT4067 Datasheet HTML 8Page - NXP Semiconductors 74HCT4067 Datasheet HTML 9Page - NXP Semiconductors 74HCT4067 Datasheet HTML 10Page - NXP Semiconductors 74HCT4067 Datasheet HTML 11Page - NXP Semiconductors 74HCT4067 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
74HC_HCT4067_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 October 2007
8 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
8.
Limiting values
[1]
To avoid drawing VCC current out of terminal Z, when switch current flows in terminals Yn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of terminals Yn. In this case there is
no limit for the voltage drop across the switch, but the voltages at Yn and Z may not exceed VCC or GND.
[2]
For DIP24 package: Ptot derates linearly with 12 mW/K above 70 °C.
[3]
For SO24 package: Ptot derates linearly with 8 mW/K above 70 °C.
[4]
For SSOP24 and TSSOP24 packages: Ptot derates linearly with 5.5 mW/K above 60 °C.
[5]
For DHVQFN24 package: Ptot derates linearly with 4.5 mW/K above 60 °C.
9.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
−0.5
+11.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±20
mA
ISK
switch clamping current
VSW < −0.5 V or VSW >VCC + 0.5 V
-
±20
mA
ISW
switch current
VSW = −0.5 V to (VCC + 0.5 V)
-
±25
mA
ICC
supply current
-
50
mA
IGND
ground current
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
DIP24 package
[2] -
750
mW
SO24 package
[3] -
500
mW
SSOP24 package
[4] -
500
mW
TSSOP24 package
[4] -
500
mW
DHVQFN24 package
[5] -
500
mW
P
power dissipation
per switch
-
100
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
74HC4067
VCC
supply voltage
2.0
5.0
10.0
V
VI
input voltage
GND
-
VCC
V
VSW
switch voltage
GND
-
VCC
V
tr
rise time
VCC = 2.0 V
-
-
1000
ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
-
400
ns
VCC = 10.0 V
-
-
250
ns
tf
fall time
VCC = 2.0 V
-
-
1000
ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
-
400
ns
VCC = 10.0 V
-
-
250
ns
Tamb
ambient temperature
−40
+25
+125
°C


유사한 부품 번호 - 74HCT4067

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT4067 PHILIPS-74HCT4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
74HCT4067 NXP-74HCT4067 Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
logo
Nexperia B.V. All right...
74HCT4067 NEXPERIA-74HCT4067 Datasheet
369Kb / 26P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067BQ NXP-74HCT4067BQ Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
More results

유사한 설명 - 74HCT4067

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com