전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC590PW 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HC590PW
상세설명  8-bit binary counter with output register; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC590PW 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HC590PW Datasheet HTML 6Page - NXP Semiconductors 74HC590PW Datasheet HTML 7Page - NXP Semiconductors 74HC590PW Datasheet HTML 8Page - NXP Semiconductors 74HC590PW Datasheet HTML 9Page - NXP Semiconductors 74HC590PW Datasheet HTML 10Page - NXP Semiconductors 74HC590PW Datasheet HTML 11Page - NXP Semiconductors 74HC590PW Datasheet HTML 12Page - NXP Semiconductors 74HC590PW Datasheet HTML 13Page - NXP Semiconductors 74HC590PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74HC590_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 April 2009
10 of 21
NXP Semiconductors
74HC590
8-bit binary counter with output register; 3-state
[1]
tpd is the same as tPHL, tPLH.
[2]
ten is the same as tPZH and tPZL.
[3]
tdis is the same as tPLZ and tPHZ.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
th
hold time
CE to CPC; see Figure 13
VCC = 2.0 V
0
-
-
0
-
0
-
ns
VCC = 4.5 V
0
-
-
0
-
0
-
ns
VCC = 6.0 V
0
-
-
0
-
0
-
ns
trec
recovery time
MRC to CPC; see Figure 11
VCC = 2.0 V
75
28
-
95
-
110
-
ns
VCC = 4.5 V
15
7
-
19
-
22
-
ns
VCC = 6.0 V
13
6
-
16
-
19
-
ns
fmax
maximum
frequency
CPC or CPR; see Figure 9
and Figure 10
VCC = 2.0 V
6.6
16
-
5.2
-
4.4
-
MHz
VCC = 4.5 V
33
52
-
26
-
22
-
MHz
VCC = 6.0 V
39
61
-
31
-
26
-
MHz
CPD
power
dissipation
capacitance
VI = GND to VCC
[4]
-44-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); for test circuit see Figure 15.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min Typ Max
Min
Max
Min
Max


유사한 부품 번호 - 74HC590PW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC590PW NEXPERIA-74HC590PW Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results

유사한 설명 - 74HC590PW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
logo
STMicroelectronics
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
   8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
STMicroelectronics
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
   RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
logo
Hitachi Semiconductor
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
   8-bit Register/Binary Counter
logo
Renesas Technology Corp
HD74HC592 RENESAS-HD74HC592 Datasheet
107Kb / 9P
   8-bit Register/Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com