전자부품 데이터시트 검색엔진 |
|
74LVC1G00GW 데이터시트(PDF) 10 Page - NXP Semiconductors |
|
74LVC1G00GW 데이터시트(HTML) 10 Page - NXP Semiconductors |
10 / 14 page 74LVC1G00_7 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 07 — 17 July 2007 10 of 14 NXP Semiconductors 74LVC1G00 Single 2-input NAND gate Fig 11. Package outline SOT886 (XSON6) terminal 1 index area REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA SOT886 MO-252 SOT886 04-07-15 04-07-22 DIMENSIONS (mm are the original dimensions) XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm D E e1 e A1 b L L1 e1 0 1 2 mm scale Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. UNIT mm 0.25 0.17 1.5 1.4 0.35 0.27 A1 max b E 1.05 0.95 D ee1 L 0.40 0.32 L1 0.5 0.6 A(1) max 0.5 0.04 1 6 2 5 3 4 6 × (2) 4 × (2) A |
유사한 부품 번호 - 74LVC1G00GW |
|
유사한 설명 - 74LVC1G00GW |