전자부품 데이터시트 검색엔진 |
|
74LVC1G02GF 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
74LVC1G02GF 데이터시트(HTML) 7 Page - NXP Semiconductors |
7 / 14 page 74LVC1G02_7 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 07 — 18 July 2007 7 of 14 NXP Semiconductors 74LVC1G02 Single 2-input NOR gate 2.7 V 1.5 V 1.5 V 3.0 V to 3.6 V 1.5 V 1.5 V 4.5 V to 5.5 V 0.5VCC 0.5VCC Table 9. Measurement points …continued Supply voltage Input Output VCC VM VM Test data is given in Table 10. Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. VEXT = External voltage for measuring switching times. Fig 8. Load circuitry for switching times VEXT VCC VI VO mna616 DUT CL RT RL RL G Table 10. Test data Supply voltage Input Load VEXT VCC VI tr =tf CL RL tPLH, tPHL 1.65 V to 1.95 V VCC ≤ 2.0 ns 30 pF 1 k Ω open 2.3 V to 2.7 V VCC ≤ 2.0 ns 30 pF 500 Ω open 2.7 V 2.7 V ≤ 2.5 ns 50 pF 500 Ω open 3.0 V to 3.6 V 2.7 V ≤ 2.5 ns 50 pF 500 Ω open 4.5 V to 5.5 V VCC ≤ 2.5 ns 50 pF 500 Ω open |
유사한 부품 번호 - 74LVC1G02GF |
|
유사한 설명 - 74LVC1G02GF |