전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC83000-Q1 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPIC83000-Q1
상세설명  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000-Q1 데이터시트(HTML) 1 Page - Texas Instruments

  TPIC83000-Q1 Datasheet HTML 1Page - Texas Instruments TPIC83000-Q1 Datasheet HTML 2Page - Texas Instruments TPIC83000-Q1 Datasheet HTML 3Page - Texas Instruments TPIC83000-Q1 Datasheet HTML 4Page - Texas Instruments TPIC83000-Q1 Datasheet HTML 5Page - Texas Instruments TPIC83000-Q1 Datasheet HTML 6Page - Texas Instruments TPIC83000-Q1 Datasheet HTML 7Page - Texas Instruments TPIC83000-Q1 Datasheet HTML 8Page - Texas Instruments TPIC83000-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PW PACKAGE
(TOP VIEW)
Vdd
DGnd
DI
DO
TST2
TST1
TST0
ProgV
Vcc
VccA
Gnd
REF1
GndA
SIP
Gnd
SIN
TPIC83000-Q1
www.ti.com
SLDS171 – NOVEMBER 2009
PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
Check for Samples: TPIC83000-Q1
1
FEATURES
Qualified for Automotive Applications
10-Bit Pressure and Temperature Output
On-Board Temperature Sensor
Programmable Gain / Gain TC1
Programmable Offset / Offset TC1 / TC2
On-Board EEPROM for System Calibration
Operating Temperature Range: –40°C to 85°C
16-Pin TSSOP (PW) Package
UART Interface
APPLICATIONS
Occupancy Weight Sensing
Pedal-Pressure Sensing
General Low-Pressure Sensing
DESCRIPTION
The TPIC83000 is a single-channel, signal conditioning device for pressure sensors used in low-pressure
sensing applications such as passenger occupancy indication/detection and pedal pressure sensing. The
pressure sensor can be based on either a strain gauge or piezo-resistive elements configured as a full
Wheatstone bridge. This device provides an analog signal conditioning interface between the pressure sensor
and a microcontroller. The analog front end (AFE) inside the device processes the sensed signals from the
pressure sensor by amplifying the signal and cancelling offset. This processed signal is then converted into a
14-bit, digital word using a sigma-delta analog-to-digital converter (ADC). The device also has a built-in 12-bit
ADC that is used to sense ambient temperature to compensate for the temperature coefficient of the sensor and
related processing circuitry. The compensated digital data is transferred to the microprocessor via a built-in
UART interface.
ORDERING INFORMATION(1)
TA
PACKAGE (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
TSSOP – PW
Reel of 2000
TPIC83000IPWRQ1
TPIC83000I
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPIC83000-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101 TI-TPIC8101 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DW TI-TPIC8101DW Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWG4 TI-TPIC8101DWG4 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWR TI-TPIC8101DWR Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results

유사한 설명 - TPIC83000-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
Melexis Microelectronic...
MLX90323 MELEXIS-MLX90323 Datasheet
367Kb / 25P
   4 ??20 mA Loop Sensor Interface with Signal Conditioning and EEPROM
logo
STMicroelectronics
AN4451 STMICROELECTRONICS-AN4451 Datasheet
355Kb / 15P
   Signal conditioning for a UV sensor
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
   Pressure Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com