전자부품 데이터시트 검색엔진 |
|
TMP320C6713BGDPA200 데이터시트(PDF) 4 Page - Texas Instruments |
|
TMP320C6713BGDPA200 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 153 page TMS320C6713B FLOATINGPOINT DIGITAL SIGNAL PROCESSOR SPRS294B − OCTOBER 2005 − REVISED JUNE 2006 4 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 PAGE(S) NO. ADDITIONS/CHANGES/DELETIONS 57 Terminal Functions, Reserved for Test section: Updated/changed Description for RSV Signal Name, A12 GDP (to “recommended”) − [Revision A] Updated/changed Description for RSV Signal Name, B11 GDP (to “recommended”) − [Revision A] 57 Terminal Functions, Reserved for Test section: Updated/changed Description for RSV Signal Name D12 to include PYP 178 as follows: “...the D12/178 pin must be externally pulled down with a 10−k Ω resistor.” [Revision B] 66 Device Support, device and development-support tool nomenclature section: Updated figure for clarity 67 Device Support, document support section: Updated paragraphs for clarity 92 Power−Down Mode Logic − Triggering, Wake−up and Effects section: Updated paragraphs [Revision B] 93 Power−Down Mode Logic − Triggering, Wake−up and Effects section, Characteristics of the Power-Down Modes table: Added “It is recommended to use the PLLPWDN bit (PLLCSR.1) as an alternative to PD3” to PRWD Field (BITS 15−10) − 011100 − Effect on Chip’s Operation [Revision B] 93 Power−Down Mode Logic − Triggering, Wake−up and Effects section, Characteristics of the Power-Down Modes table: Deleted three paragraphs following table [Revision B] 95 IEEE 1149.1 JTAG Compatibility Statement section: Updated/added paragraphs for clarity 96 EMIF Device Speed section, Example Boards and Maximum EMIF Speed table: Type − 3−Loads Short Traces, EMIF Interface Components section: Updated from “32−Bit SDRAMs” to “16−Bit SDRAMs” [Revision B] 95 IEEE 1149.1 JTAG Compatibility Statement section: Updated/added paragraphs for clarity 99 Recommended Operating Conditions: Added VOS, Maximum voltage during overshoot row and associated footnote Added VUS, Maximum voltage during undershoot row and associated footnote 102 Parameter Measurement Information, AC transient rise/fall time specifications section: Added AC Transient Specification Rise Time figure Added AC Transient Specification Fall Time figure 124 MULTICHANNEL AUDIO SERIAL PORT (McASP) TIMING: timing requirements for McASP section: Updated Parameter No. 3, tc(ACKRX), from “33” to “greater of 2P or 33 ns” and added associated footnote 124 MULTICHANNEL AUDIO SERIAL PORT (McASP) TIMING: switching characteristics over recommended operating conditions for McASP section: Updated Parameter No. 11, tc(ACKRX), from “33” to “greater of 2P or 33 ns” and added associated footnote 125, 126 MULTICHANNEL AUDIO SERIAL PORT (McASP) TIMING section: Updated McASP Input and Output drawings 134 MULTICHANNEL BUFFERED SERIAL PORT TIMING section: switching characteristics over recommended operating conditions for McBSP section: Updated McBSP Timings figure 147 Mechanical Data section: Added statement to the Packaging Information section |
유사한 부품 번호 - TMP320C6713BGDPA200 |
|
유사한 설명 - TMP320C6713BGDPA200 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |